Electronic Components Datasheet Search
  English  ▼

X  

STD2NB60T4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD2NB60T4
Description  N-CHANNEL 600V - 3.3OHM - 2.6A DPAK/IPAK PowerMESHTM MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2NB60T4 Datasheet(HTML) 3 Page - STMicroelectronics

  STD2NB60T4 Datasheet HTML 1Page - STMicroelectronics STD2NB60T4 Datasheet HTML 2Page - STMicroelectronics STD2NB60T4 Datasheet HTML 3Page - STMicroelectronics STD2NB60T4 Datasheet HTML 4Page - STMicroelectronics STD2NB60T4 Datasheet HTML 5Page - STMicroelectronics STD2NB60T4 Datasheet HTML 6Page - STMicroelectronics STD2NB60T4 Datasheet HTML 7Page - STMicroelectronics STD2NB60T4 Datasheet HTML 8Page - STMicroelectronics STD2NB60T4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
STD2NB60/STD2NB60-1
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise specified)
Table 6. Off
Table 7. On (1)
Note: 1. Pulsed: Pulse duration = 300
µs, duty cycle 1.5 %
Table 8. Dynamic
Note: 1. Pulsed: Pulse duration = 300
µs, duty cycle 1.5 %
Table 9. Switching On
Table 10. Switching Off
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA VGS = 0
600
V
IDSS
Zero Gate Voltage
VDS = Max Rating
1
µA
Drain Current (VGS = 0)
VDS = Max Rating Tc = 125 °C
50
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 30 V
± 100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS = VGS; ID = 250 µA3
4
5
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V; ID = 1.6 A
3.3
3.6
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs
(1)
Forward
Transconductance
VDS > ID(on) x RDS(on)max; ID = 1.6 A
1.2
2
S
Ciss
Input Capacitance
VDS = 25 V; f = 1 MHz; VGS = 0
400
520
pF
Coss
Output Capacitance
57
77
pF
Crss
Reverse Transfer
Capacitance
79
pF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Time
VDD = 300 V; ID = 1.6 A; RG = 4.7 Ω
11
17
ns
tr
Rise Time
VGS = 10 V (see test circuit, Figure 16)
7
11
ns
Qg
Total Gate Charge
VDD = 480 V; ID = 3.3 A; VGS = 10 V
15
22
nC
Qgs
Gate-Source Charge
6.2
nC
Qgd
Gate-Drain Charge
5.6
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr(Voff)
Off-voltage Rise Time
VDD = 480 V; ID = 3.3 A; RG = 4.7 Ω
11
16
ns
tf
Fall Time
VGS = 10 V (see test circuit, Figure 18)
13
18
ns
tc
Cross-over Time
18
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com