Electronic Components Datasheet Search
  English  ▼

X  

MSM6669 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM6669
Description  80-DOT LCD SEGMENT DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6669 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM6669 Datasheet HTML 1Page - OKI electronic componets MSM6669 Datasheet HTML 2Page - OKI electronic componets MSM6669 Datasheet HTML 3Page - OKI electronic componets MSM6669 Datasheet HTML 4Page - OKI electronic componets MSM6669 Datasheet HTML 5Page - OKI electronic componets MSM6669 Datasheet HTML 6Page - OKI electronic componets MSM6669 Datasheet HTML 7Page - OKI electronic componets MSM6669 Datasheet HTML 8Page - OKI electronic componets MSM6669 Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
¡ Semiconductor
MSM6669
4/9
ABSOLUTE MAXIMUM RATINGS
Parameter
Unit
Condition
Supply Voltage (1)
Supply Voltage (2)
Input Voltage
Symbol
Storage Temperature
Rating
VDD
VLCD
VI
TSTG
Ta=25°C
–0.3 to +6.5
0 to 30
–0.3 to VDD + 0.3
–30 to +85
V
V
V
°C
Ta=25°C, VDD – VEE*
Ta=25°C
—
*V1 > V3 > V4 > VEE, VDD ≥ V1 > V3 ≥ VDD –10V, VEE +10V ≥ V4 > VEE
RECOMMENDED OPERATING CONDITIONS
Parameter
Unit
Condition
Supply Voltage (1)
Supply Voltage (2)
Operating Temperature
Symbol
Min.
VDD
VLCD
Top
V
V
°C
Typ.
Max.
2.7
14
–20
5.0
—
—
5.5
28
75
—
VDD–VEE*
—
*V1 > V3 > V4 > VEE, VDD ≥ V1 > V3 ≥ VDD –7V, VEE +7V ≥ V4 > VEE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com