Electronic Components Datasheet Search
  English  ▼

X  

MSM6669 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM6669
Description  80-DOT LCD SEGMENT DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6669 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM6669 Datasheet HTML 1Page - OKI electronic componets MSM6669 Datasheet HTML 2Page - OKI electronic componets MSM6669 Datasheet HTML 3Page - OKI electronic componets MSM6669 Datasheet HTML 4Page - OKI electronic componets MSM6669 Datasheet HTML 5Page - OKI electronic componets MSM6669 Datasheet HTML 6Page - OKI electronic componets MSM6669 Datasheet HTML 7Page - OKI electronic componets MSM6669 Datasheet HTML 8Page - OKI electronic componets MSM6669 Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
¡ Semiconductor
MSM6669
1/9
¡ Semiconductor
MSM6669
80-DOT LCD SEGMENT DRIVER
GENERAL DESCRIPTION
The MSM6669 is a dot matrix LCD segment driver which is fabricated using CMOS low power
silicon gate technology.
This LSI consists of 80-bit latches I and II, 80-bit level shifter, and 80-bit 4-level driver.
It latches the 4-bit parallel display data from the LCD controller LSI or microcontroller, and then
outputs the signal for the LCD driving.
FEATURES
• Logic supply voltage
: 2.7V to 5.5V
• LCD driving voltage
: 14V to 28V
• Applicable LCD duty
: 1/64 to 1/256
• Bias voltage can be supplied externally
• LCD output
: 80
• 4-bit parallel data processing has improved the transfer speed to 1/4 that of the conventional
serial transfer, thereby achieving low power consumption
• Applicable common driver : MSM6778 (120 outputs)
• Structure:
TCP mounting with 35mm wide film (Product name: MSM6669AV-Z-05)
Sn-plated
Outer lead pitch
: 220mm
User area
: 7.5mm
E2B0025-27-Y2
This version: Nov. 1997
Previous version: Mar. 1996


Similar Part No. - MSM6669

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6660-01 OKI-MSM6660-01 Datasheet
167Kb / 18P
1/2, 1/3 DUTY LCD DRIVER WITH 3-DOT COMMON DRIVER AND 62-DOT SEGMENT DRIVER
MSM6660-01GS-BK OKI-MSM6660-01GS-BK Datasheet
167Kb / 18P
1/2, 1/3 DUTY LCD DRIVER WITH 3-DOT COMMON DRIVER AND 62-DOT SEGMENT DRIVER
MSM6660-01GS-K OKI-MSM6660-01GS-K Datasheet
167Kb / 18P
1/2, 1/3 DUTY LCD DRIVER WITH 3-DOT COMMON DRIVER AND 62-DOT SEGMENT DRIVER
MSM6660-02 OKI-MSM6660-02 Datasheet
167Kb / 18P
1/2, 1/3 DUTY LCD DRIVER WITH 3-DOT COMMON DRIVER AND 62-DOT SEGMENT DRIVER
MSM6660-02GS-BK OKI-MSM6660-02GS-BK Datasheet
167Kb / 18P
1/2, 1/3 DUTY LCD DRIVER WITH 3-DOT COMMON DRIVER AND 62-DOT SEGMENT DRIVER
More results

Similar Description - MSM6669

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6415 NJRC-NJU6415 Datasheet
282Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER
NJU6416 NJRC-NJU6416 Datasheet
283Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER?
NJU6445 NJRC-NJU6445 Datasheet
331Kb / 10P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER???
NJU6446 NJRC-NJU6446 Datasheet
334Kb / 10P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER???
logo
OKI electronic componet...
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299A OKI-MSM5299A Datasheet
130Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299C OKI-MSM5299C Datasheet
124Kb / 11P
80-DOT LCD SEGMENT DRIVER
logo
Samsung semiconductor
S6A2067 SAMSUNG-S6A2067 Datasheet
104Kb / 10P
80 SEGMENT DRIVER FOR DOT MATRIX LCD
logo
New Japan Radio
NJU6416FC1 NJRC-NJU6416FC1 Datasheet
289Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com