Electronic Components Datasheet Search
  English  ▼

X  

STC15F103 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # STC15F103
Description  Operating voltage range: 3.8 ~ 5.5V or 2.4V ~ 3.6V (STC15L204EA series)
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STC15F103 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button STC15F103 Datasheet HTML 32Page - List of Unclassifed Manufacturers STC15F103 Datasheet HTML 33Page - List of Unclassifed Manufacturers STC15F103 Datasheet HTML 34Page - List of Unclassifed Manufacturers STC15F103 Datasheet HTML 35Page - List of Unclassifed Manufacturers STC15F103 Datasheet HTML 36Page - List of Unclassifed Manufacturers STC15F103 Datasheet HTML 37Page - List of Unclassifed Manufacturers STC15F103 Datasheet HTML 38Page - List of Unclassifed Manufacturers STC15F103 Datasheet HTML 39Page - List of Unclassifed Manufacturers STC15F103 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 252 page
background image
Some SFRs related to Low voltage detection as shown below.
PCON register (Power Control Register)
LSB
SFR name Address
bit
B7
B6
B5
B4
B3
B2
B1
B0
PCON
87H
name
-
-
LVDF
POF
GF1
GF0
PD
IDL
LVDF
: Low-Voltage Flag. Once low voltage condition is detected (VCC power is lower than LVD
voltage), it is set by hardware (and should be cleared by software).
POF
: Power-On flag. It is set by power-off-on action and can only cleared by software.
GF1
: General-purposed flag 1
GF0
: General-purposed flag 0
PD
: Power-Down bit.
IDL
: Idle mode bit.
IE: Interrupt Enable Rsgister (Address: 0A8H)
EA
ELVD EADC
-
ET1
EX1
ET0
EX0
(MSB)
(LSB)
Enable Bit = 1 enables the interrupt .
Enable Bit = 0 disables it .
EA (IE.7):
disables all interrupts. if EA = 0,no interrupt will be acknowledged. if
EA = 1, each interrupt source is individually enabled or disabled by
setting or clearing its enable bit.
ELVD (IE.6):
Low volatge detection interrupt enable bit.
IP: Interrupt Priority Register (Address: 0B8H)
--
PLVD PADC
--
PT1
PX1
PT0
PX0
(MSB)
(LSB)
Priority bit = 1 assigns high priority .
Priority bit = 0 assigns low priority.
PLVD (IP.6):
Low voltage detection interrupt priority.
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com