Electronic Components Datasheet Search
  English  ▼

X  

STC15F103 Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # STC15F103
Description  Operating voltage range: 3.8 ~ 5.5V or 2.4V ~ 3.6V (STC15L204EA series)
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STC15F103 Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button STC15F103 Datasheet HTML 67Page - List of Unclassifed Manufacturers STC15F103 Datasheet HTML 68Page - List of Unclassifed Manufacturers STC15F103 Datasheet HTML 69Page - List of Unclassifed Manufacturers STC15F103 Datasheet HTML 70Page - List of Unclassifed Manufacturers STC15F103 Datasheet HTML 71Page - List of Unclassifed Manufacturers STC15F103 Datasheet HTML 72Page - List of Unclassifed Manufacturers STC15F103 Datasheet HTML 73Page - List of Unclassifed Manufacturers STC15F103 Datasheet HTML 74Page - List of Unclassifed Manufacturers STC15F103 Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 252 page
background image
DEC
direct
Bytes:
2
Cycles:
1
Encoding:
0 0 0 1
0 1 0 1
direct address
Operation:
DEC
(direct)←(direct)
←(direct)
(direct)
DEC
@Ri
Bytes:
1
Cycles:
1
Encoding:
0 0 0 1
0 1 1 i
Operation:
DEC
((Ri))←((Ri)) - 1
←((Ri)) - 1
((Ri)) - 1
DIV AB
Function:
Divide
Description:
DIV AB divides the unsigned eight-bit integer in the Accumulator by the unsigned eight-bit
integer in register B. The Accumulator receives the integer part of the quotient; register B
receives the integer remainder. The carry and OV flags will be cleared.
Exception: if B had originally contained 00H, the values returned in the Accumulator and
B-register will be undefined and the overflow flag will be set. The carry flag is cleared in any
case.
Example:
The Accumulator contains 251(OFBH or 11111011B) and B contains 18(12H or 00010010B).
The instruction,
DIV
AB
will leave 13 in the Accumulator (0DH or 00001101B) and the value 17 (11H or 00010010B)
in B, since 251 = (13×18) + 17. Carry and OV will both be cleared.
Bytes:
1
Cycles:
4
Encoding:
1 0 0 0
0 1 0 0
Operation:
DIV
(A)
15-8
(B)
7-0
← (A)/(B)
(A)/(B)
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com