Electronic Components Datasheet Search
  English  ▼

X  

LM5176PWPR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LM5176PWPR
Description  55-V Wide VIN synchronous 4-switch buck-boost controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5176PWPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM5176PWPR Datasheet HTML 20Page - Texas Instruments LM5176PWPR Datasheet HTML 21Page - Texas Instruments LM5176PWPR Datasheet HTML 22Page - Texas Instruments LM5176PWPR Datasheet HTML 23Page - Texas Instruments LM5176PWPR Datasheet HTML 24Page - Texas Instruments LM5176PWPR Datasheet HTML 25Page - Texas Instruments LM5176PWPR Datasheet HTML 26Page - Texas Instruments LM5176PWPR Datasheet HTML 27Page - Texas Instruments LM5176PWPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
2
COND(QH2)
OUT
DSON(QH2)
P
I
R
˜
2
OUT
COND(QL1)
OUT
DSON(QL1)
IN
V
P
1
I
R
V
§
·
˜
˜
¨
¸
©
¹
SW(QH1)
IN
OUT
r
f
sw
1
P
V
I
t
t
F
2
˜
˜
˜
˜
2
OUT
COND(QH1)
OUT
DSON(QH1)
IN
V
P
I
R
V
§
·
˜
˜
¨
¸
©
¹
2
OUT
COND(QH1)
OUT
DSON(QH1)
IN
V
P
I
R
V
§
·
˜
˜
¨
¸
©
¹
DITH
MOD
10 A
C
F
0.24 V
P
u
u
SS
REF
ss
SS
C
V
t
I
24
LM5176
SNVSAI1A – JUNE 2017 – REVISED MARCH 2019
www.ti.com
Product Folder Links: LM5176
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
8.2.2.10 Soft-Start Capacitor
The soft-start time is programmed using the soft-start capacitor. The relationship between CSS and the soft-start
time is given by:
(28)
CSS = 0.1 µF gives a soft-start time of 16 ms.
8.2.2.11 Dither Capacitor
The dither capacitor sets the modulation frequency of the frequency dithering around the nominal switching
frequency. A larger CDITH results in lower modulation frequency. For proper operation the modulation frequency
(FMOD) must be much lower than the switching frequency. Use Equation 29 to select CDITH for the target
modulation frequency.
(29)
For the current design dithering is not being implemented. Therefore a 0
Ω resistor from the DITH pin to AGND
disables this feature.
8.2.2.12 MOSFETs QH1 and QL1
The input side MOSFETs QH1 and QL1 need to withstand the maximum input voltage of 50 V. In addition they
must withstand the transient spikes at SW1 during switching. Therefore QH1 and QL1 should be rated for 60 V
or higher. The gate plateau voltages of the MOSFETs should be smaller than the minimum input voltage of the
converter, otherwise the MOSFETs may not fully enhance during startup or overload conditions.
The power loss in QH1 in the boost mode of operation is approximated by:
(30)
The power loss in QH1 in the buck mode of operation consists of both conduction and switching loss
components given by Equation 31 and Equation 32 respectively:
(31)
(32)
The rise (tr) and the fall (tf) times are based on the MOSFET datasheet information or measured in the lab.
Typically a MOSFET with smaller RDSON (smaller conduction loss) will have longer rise and fall times (larger
switching loss).
The power loss in QL1 in the buck mode of operation is shown in Equation 33:
(33)
8.2.2.13 MOSFETs QH2 and QL2
The output side MOSFETs QH2 and QL2 see the output voltage of 12 V and additional transient spikes at SW2
during switching. Therefore QH2 and QL2 should be rated for 20 V or more. The gate plateau voltages of the
MOSFETs should be smaller than the minimum input voltage of the converter, otherwise the MOSFETs may not
fully enhance during startup or overload conditions.
The power loss in QH2 in the buck mode of operation is approximated by:
(34)
The power loss in QL2 in the boost mode of operation consists of both conduction and switching loss
components given by Equation 35 and Equation 36 respectively:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com