Electronic Components Datasheet Search
  English  ▼

X  

LM5176PWPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM5176PWPR
Description  55-V Wide VIN synchronous 4-switch buck-boost controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5176PWPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5176PWPR Datasheet HTML 5Page - Texas Instruments LM5176PWPR Datasheet HTML 6Page - Texas Instruments LM5176PWPR Datasheet HTML 7Page - Texas Instruments LM5176PWPR Datasheet HTML 8Page - Texas Instruments LM5176PWPR Datasheet HTML 9Page - Texas Instruments LM5176PWPR Datasheet HTML 10Page - Texas Instruments LM5176PWPR Datasheet HTML 11Page - Texas Instruments LM5176PWPR Datasheet HTML 12Page - Texas Instruments LM5176PWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
VIN (V)
0
10
20
30
40
50
60
1.0
1.4
1.8
2.2
2.6
3.0
D007
BIAS = 0V
BIAS = 12V
VIN (V)
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
D010
-40 qC
25 qC
125 qC
RT (k:)
10
20
30
40
50
60
70
80
90
100
0
100
200
300
400
500
600
D004
VIN (V)
0
2
4
6
8
10
12
0
2
4
6
8
D002
VIN (V)
5
10
15
20
25
30
35
40
45
50
93
94
95
96
97
98
99
D009
LOAD CURRENT (A)
0
1
2
3
4
5
6
80
84
88
92
96
100
D008
VIN = 9V
VIN = 12V
VIN = 24V
9
LM5176
www.ti.com
SNVSAI1A – JUNE 2017 – REVISED MARCH 2019
Product Folder Links: LM5176
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
6.6 Typical Characteristics
At TA = 25°C, unless otherwise stated.
VOUT = 12 V
fsw = 300 kHz
L1 = 4.7 μH
IOUT = 5 A
Figure 1. Efficiency vs VIN
VOUT = 12 V
fsw = 300 kHz
L1 = 4.7 μH
Figure 2. Efficiency vs Load
Figure 3. Oscillator Frequency
Figure 4. VCC vs VIN
Figure 5. IIN Operating vs VIN
Figure 6. IIN Shutdown vs VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com