Electronic Components Datasheet Search
  English  ▼

X  

LM5176PWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5176PWPR
Description  55-V Wide VIN synchronous 4-switch buck-boost controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5176PWPR Datasheet(HTML) 4 Page - Texas Instruments

  LM5176PWPR Datasheet HTML 1Page - Texas Instruments LM5176PWPR Datasheet HTML 2Page - Texas Instruments LM5176PWPR Datasheet HTML 3Page - Texas Instruments LM5176PWPR Datasheet HTML 4Page - Texas Instruments LM5176PWPR Datasheet HTML 5Page - Texas Instruments LM5176PWPR Datasheet HTML 6Page - Texas Instruments LM5176PWPR Datasheet HTML 7Page - Texas Instruments LM5176PWPR Datasheet HTML 8Page - Texas Instruments LM5176PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4
LM5176
SNVSAI1A – JUNE 2017 – REVISED MARCH 2019
www.ti.com
Product Folder Links: LM5176
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Pin Functions
PIN
I/O
DESCRIPTION
NAME
HTSSOP
QFN
EN/UVLO
1
26
I
Enable pin. For EN/UVLO < 0.4 V, the LM5176 is in a low current shutdown mode. For
EN/UVLO > 1.22 V, the PWM function is enabled, provided VCC exceeds the VCC UV
threshold.
VIN
2
27
I/P
The input supply pin to the IC. Connect VIN to a supply voltage between 4.2 V and 55 V.
VISNS
3
28
I
VIN sense input. Connect to power stage input rail.
MODE
4
1
I
1.38 V < MODE < 2.22 V: CCM, hiccup enabled (set RMODE resistor to AGND = 93.1 kΩ)
2.6 V < MODE < VCC: CCM, hiccup disabled (set RMODE resistor to AGND = 200 kΩ or
connect to VCC)
DITH
5
2
I
A capacitor connected between the DITH pin and AGND is charged and discharged with a
current source. As the voltage on the DITH pin ramps up and down the oscillator frequency
is modulated by 10% of the nominal frequency set by the RT resistor. Grounding the DITH
pin will disable the dithering feature. In the external Sync mode, the DITH pin voltage is
ignored.
RT/SYNC
6
3
I
Switching frequency programming pin. An external resistor is connected to the RT/SYNC
pin and AGND to set the switching frequency. This pin can also be used to synchronize the
PWM controller to an external clock.
SLOPE
7
4
I
A capacitor connected between the SLOPE pin and AGND provides the slope
compensation ramp for stable current mode operation in both buck and boost mode.
SS
8
5
I
Soft-start programming pin. A capacitor between the SS pin and AGND pin programs soft-
start time.
COMP
9
6
O
Output of the error amplifier. An external RC network connected between COMP and
AGND compensates the regulator feedback loop.
AGND
10
7
G
Analog ground of the IC.
FB
11
8
I
Feedback pin for output voltage regulation. Connect a resistor divider network from the
output of the converter to the FB pin.
VOSNS
12
9
I
VOUT sense input. Connect to the power stage output rail.
ISNS(–)
ISNS(+)
13
14
10
11
I
Input or output current sense amplifier inputs. An optional current sense resistor connected
between ISNS(+) and ISNS(–) can be located either on the input side or on the output side
of the converter. If the sensed voltage across the ISNS(+) and ISNS(-) pins reaches 50
mV, a slow constant current (CC) control loop becomes active and starts discharging the
soft-start capacitor to regulate the drop across ISNS(+) and ISNS(–) to 50 mV. Short
ISNS(+) and ISNS(–) together to disable this feature.
CSG
15
12
I
The negative or ground input to the PWM current sense amplifier. Connect directly to the
low-side (ground) of the current sense resistor.
CS
16
13
I
The positive input to the PWM current sense amplifier.
PGOOD
17
14
O
Power-Good open drain output. PGOOD is pulled low when FB is outside a -9%/+10%
regulation window around the 0.8-V VREF.
SW2
SW1
18
28
15
25
I
The boost and the buck side switching nodes respectively.
HDRV2
HDRV1
19
27
16
24
O
Output of the high-side gate drivers. Connect directly to the gates of the high-side
MOSFETs.
BOOT2
BOOT1
20
26
17
23
P
An external capacitor is required between the BOOT1, BOOT2 pins and the SW1, SW2
pins respectively to provide bias to the high-side MOSFET gate drivers.
LDRV2
LDRV1
21
25
18
22
O
Output of the low-side gate drivers. Connect directly to the gates of the low-side
MOSFETs.
PGND
22
19
G
Power ground of the IC. The high current ground connection to the low-side gate drivers.
VCC
23
20
I/O/P
Output of the VCC bias regulator. Connect capacitor to ground.
BIAS
24
21
I/P
Optional input to the VCC bias regulator. Powering VCC from an external supply instead of
VIN can reduce power loss at high VIN. For VBIAS > 8 V, the VCC regulator draws power
from the BIAS pin.
PowerPAD™
—
—
—
Solder the PowerPAD to the analog ground. If possible, use thermal vias to connect to a
PCB ground plane for improved power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com