Electronic Components Datasheet Search
  English  ▼

X  

REF3430-EP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # REF3430-EP
Description  low-drift, low-power, small-footprint series voltage reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3430-EP Datasheet(HTML) 4 Page - Texas Instruments

  REF3430-EP Datasheet HTML 1Page - Texas Instruments REF3430-EP Datasheet HTML 2Page - Texas Instruments REF3430-EP Datasheet HTML 3Page - Texas Instruments REF3430-EP Datasheet HTML 4Page - Texas Instruments REF3430-EP Datasheet HTML 5Page - Texas Instruments REF3430-EP Datasheet HTML 6Page - Texas Instruments REF3430-EP Datasheet HTML 7Page - Texas Instruments REF3430-EP Datasheet HTML 8Page - Texas Instruments REF3430-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
REF3425-EP, REF3430-EP, REF3433-EP, REF3440-EP
SBAS942A – DECEMBER 2018 – REVISED MARCH 2019
www.ti.com
Product Folder Links: REF3425-EP REF3430-EP REF3433-EP REF3440-EP
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
By design, the device is guaranteed functional over the operating temperature of –55°C to 150°C.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage
IN
VREF + 0.05
13
V
EN
–0.3
IN + 0.3
Output voltage
VREF
–0.3
5.5
V
Output short circuit current
20
mA
Temperature
Operating, Tj
(2)
–55
150
°C
Storage Tstg
–65
170
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
(1)
Dropout voltage.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
IN
Supply input voltage (IL = 0 mA, TA = 25°C)
VREF + VDO
(1)
12
V
EN
Enable voltage
0
IN
V
IL
Output current
–10
10
mA
Tj
Operating temperature
–55
25
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
REF34xx-EP
UNIT
DBV (SOT-23)
6 PINS
RθJA
Junction-to-ambient thermal resistance
185
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
156
°C/W
RθJB
Junction-to-board thermal resistance
29.6
°C/W
ψJT
Junction-to-top characterization parameter
33.8
°C/W
ψJB
Junction-to-board characterization parameter
29.1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com