Electronic Components Datasheet Search
  English  ▼

X  

REF3430-EP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # REF3430-EP
Description  low-drift, low-power, small-footprint series voltage reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3430-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF3430-EP Datasheet HTML 2Page - Texas Instruments REF3430-EP Datasheet HTML 3Page - Texas Instruments REF3430-EP Datasheet HTML 4Page - Texas Instruments REF3430-EP Datasheet HTML 5Page - Texas Instruments REF3430-EP Datasheet HTML 6Page - Texas Instruments REF3430-EP Datasheet HTML 7Page - Texas Instruments REF3430-EP Datasheet HTML 8Page - Texas Instruments REF3430-EP Datasheet HTML 9Page - Texas Instruments REF3430-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
REF3425-EP, REF3430-EP, REF3433-EP, REF3440-EP
SBAS942A – DECEMBER 2018 – REVISED MARCH 2019
www.ti.com
Product Folder Links: REF3425-EP REF3430-EP REF3433-EP REF3440-EP
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
At TA = 25°C unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT VOLTAGE
VREF
Output voltage
REF3425-EP
2.5
V
REF3430-EP
3
REF3433-EP
3.3
REF3440-EP
4.096
POWER SUPPLY
VIN
Input voltage
VREF + VDO
12
V
IL
Output current
capacity
VIN = VREF + VDO to 12 V
Sourcing
10
mA
VIN = VREF + VDO to 12 V
Sinking
–10
IQ
Quiescent current
–55°C
≤ TA ≤ 125°C
Active mode
72
95
µA
–55°C
≤ TA ≤ 125°C
Shutdown mode
2.5
3
VDO
Dropout voltage
IL = 0 mA, TA = 25°C
50
mV
IL = 0 mA, –55°C ≤ TA ≤ 125°C
100
IL = 10 mA, –55°C ≤ TA ≤ 125°C
500
VEN
ENABLE pin
voltage
Voltage reference in active mode (EN = 1)
1.6
V
Voltage reference in shutdown mode (EN = 0)
0.5
IEN
ENABLE pin
leakage current
VEN = VIN = 12 V, –55°C ≤ TA ≤ 125°C
1
2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com