Electronic Components Datasheet Search
  English  ▼

X  

REF3430-EP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # REF3430-EP
Description  low-drift, low-power, small-footprint series voltage reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3430-EP Datasheet(HTML) 1 Page - Texas Instruments

  REF3430-EP Datasheet HTML 1Page - Texas Instruments REF3430-EP Datasheet HTML 2Page - Texas Instruments REF3430-EP Datasheet HTML 3Page - Texas Instruments REF3430-EP Datasheet HTML 4Page - Texas Instruments REF3430-EP Datasheet HTML 5Page - Texas Instruments REF3430-EP Datasheet HTML 6Page - Texas Instruments REF3430-EP Datasheet HTML 7Page - Texas Instruments REF3430-EP Datasheet HTML 8Page - Texas Instruments REF3430-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Load Current (mA)
0
0.04
0.08
0.12
0.16
0.2
0.24
0.28
0.32
0.36
0.4
5
10
0
+25°C
-40°C
+125°C
D001
10
10
Input Signal
124
1 nF
ADS1287
VIN
REF
CIN
1 µF
COUT
10 µF
±
+
REF34xx-EP
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
REF3425-EP, REF3430-EP, REF3433-EP, REF3440-EP
SBAS942A – DECEMBER 2018 – REVISED MARCH 2019
REF34xx-EP low-drift, low-power, small-footprint series voltage reference
1
1 Features
1
•
Initial accuracy: ±0.05% (maximum)
•
Temperature coefficient : 10 ppm/°C (maximum)
•
Output current: ±10 mA
•
Low quiescent current: 95 µA (maximum)
•
Wide input voltage: 12 V
•
Output 1/f noise (0.1 Hz to 10 Hz): 3.8 µVPP/V
•
Small footprint 6-pin SOT-23 package
•
Supports defense, aerospace, and medical
applications:
–
Controlled baseline
–
One assembly/test site
–
One fabrication site
–
Available extended (–55°C to 125°C)
temperature range
–
Extended product life cycle
–
Extended product-change notification
–
Product traceability
2 Applications
•
Precision data acquisition systems
•
PLC analog I/O modules
•
Field transmitters
•
Industrial instrumentation
•
Test equipment
•
Power monitoring
3 Description
The REF34xx-EP device is a low temperature drift
(10
ppm/°C),
low-power,
high-precision
CMOS
voltage reference, featuring ±0.05% initial accuracy,
low operating current with power consumption less
than 95 µA. This device also offers very low output
noise of 3.8 µVp-p/V, which enables its ability to
maintain high signal integrity with high-resolution data
converters in noise critical systems. With a small
SOT-23
package,
REF34xx-EP
offers
enhanced
specifications
and
pin-to-pin
replacement
for
MAX607x and ADR34xx. The REF34xx-EP family is
compatible to most ADC and DAC.
The small size and low operating current of the
devices (95 µA) can benefit portable and battery-
powered applications.
REF34xx-EP is specified for the wide temperature
range of –55°C to 125°C. Contact the TI sales
representative for additional voltage options.
Device Information(1)
PART NAME
PACKAGE
BODY SIZE (NOM)
REF3425-EP
SOT-23 (6)
2.90 mm × 1.60 mm
REF3430-EP
REF3433-EP
REF3440-EP
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
Dropout vs Current Load Over Temperature


Similar Part No. - REF3430-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3430-EP TI-REF3430-EP Datasheet
2Mb / 29P
REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF3430-EP TI-REF3430-EP Datasheet
2Mb / 31P
REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF3430-EP TI-REF3430-EP Datasheet
2Mb / 31P
REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REVISED JUNE 2021
REF3430-EP TI2-REF3430-EP Datasheet
1Mb / 31P
REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REVISED JUNE 2021
More results

Similar Description - REF3430-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3425 TI1-REF3425 Datasheet
1Mb / 25P
REF3425 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF3425 TI1-REF3425_17 Datasheet
1Mb / 26P
Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF3425 TI1-REF3425_18 Datasheet
1Mb / 26P
Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF3425-EP TI1-REF3425-EP Datasheet
1Mb / 27P
Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF4132 TI1-REF4132 Datasheet
1Mb / 25P
REF4132 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF4132 TI1-REF4132_V01 Datasheet
1Mb / 26P
REF4132 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF4132-Q1 TI1-REF4132-Q1_V01 Datasheet
1Mb / 24P
REF4132-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF3425 TI-REF3425_V01 Datasheet
2Mb / 29P
REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF3425 TI-REF3425_V02 Datasheet
2Mb / 31P
REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF3425 TI-REF3425_V03 Datasheet
2Mb / 31P
REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REVISED JUNE 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com