Electronic Components Datasheet Search
  English  ▼

X  

FS1117 Datasheet(PDF) 5 Page - Fortune Semiconductor Corp.

Part # FS1117
Description  1.0A Adjustable & Fixed Voltage LDO Linear Regulato
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS1117 Datasheet(HTML) 5 Page - Fortune Semiconductor Corp.

  FS1117 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 9Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
8.
Typical Application Circuit
FS1117
Vin
Vout
GND
Vout
Vin
+
-
-
+
10μF
22μF
FS1117
Vin
Vout
ADJ
Vout
Vin
+
-
-
+
10μF
22μF
R1
R2
VOUT=Vref*(1+R2/R1)
Vref=1.25V
9.
Functional Block Diagrams
3
2
+
-
Thermal
Protrction
+
-
+
-
+
-
INPUT
OUTPUT
GND
A1
A2
B
1
For Adiustable OUTPUT, disconnect A1 and A2,connent B
For Fixed OUTPUT,connect A1 and A2,disconnect B



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com