Electronic Components Datasheet Search
  English  ▼

X  

FS1117 Datasheet(PDF) 7 Page - Fortune Semiconductor Corp.

Part # FS1117
Description  1.0A Adjustable & Fixed Voltage LDO Linear Regulato
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS1117 Datasheet(HTML) 7 Page - Fortune Semiconductor Corp.

  FS1117 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 9Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
13. Typical Operating Characteristics
(FS1117-3.3V CIN=10µF, COUT=22µF, TA=+25℃, unless otherwise noted.)
OUTPUT VOLTAGE vs. INPUT VOLTAGE
0.0
1.0
2.0
3.0
4.0
0
2
4
6
8
10
12
INPUT VOLTAGE(V)
GROUND PIN CURRENT vs. AMBIENT TEMPERATURE
0.00
1.00
2.00
3.00
4.00
5.00
6.00
-50
-30
-10
10
30
50
70
90
110
130 150
AMBIENT TEMPERATURE (℃)
GROUND PIN CURRENT vs. LOAD CURRENT
3.0
3.5
4.0
4.5
5.0
0
200
400
600
800
1000
1200
LOAD CURRENT (mA)
OUTPUT VOLTAGE vs. INPUT VOLTAGE
0.0
1.0
2.0
3.0
4.0
0
2
4
6
8
10
12
INPUT VOLTAGE(V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com