Electronic Components Datasheet Search
  English  ▼

X  

FS1117 Datasheet(PDF) 6 Page - Fortune Semiconductor Corp.

Part # FS1117
Description  1.0A Adjustable & Fixed Voltage LDO Linear Regulato
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS1117 Datasheet(HTML) 6 Page - Fortune Semiconductor Corp.

  FS1117 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 9Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
10. Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
23
V
TJ
Maximum Junction Temperature
150
℃
TS
Storage Temperature
-65~150
℃
TLEAD
Lead Temperature(10SEC)
300
℃
* Stresses greater than those listed under ”Absolute Maximum Ratings” may cause Permanent damage
to the device. These are stress rating only, and functional operation of the device at these or any other
conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
11. Recommended Operating Conditions
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
18
V
TJ
Operating Junction Temperature Range
-20~125
℃
12. Electrical Characteristics
(CIN=10µF, COUT=22µF, TA=25℃, unless otherwise noted.)
Symbol
Parameter
Test Conditions
Min
Typ
Max Unit
Vref
Reference Voltage
FS1117-Adj
Io=10mA, VIN-Vout=1.5V
1.225
1.250 1.275
V
Io=10mA, 1.5V≦VIN-Vout≦8V
1.225
1.250 1.275
V
VOUT
Output Voltage
FS1117-1.8V Io=10mA, 3.3V≦VIN≦10V
1.764
1.8
1.836
V
FS1117-3.3V Io=10mA, 4.8V≦VIN≦10V
3.235
3.3
3.365
V
ILIMIT
Current Limit
FS1117-XXX VIN-VOUT=3V
1.1
A
IQ
Ground Pin Current
FS1117-XXX VIN=VOUT+1.25V
5
10
mA
IADJ
ADJ Pin Current
FS1117-Ad Io=10mA~1A,1.5V
≦
VIN-VOUT ≦
10V
60
120
µA
VDROP Dropout Voltage
FS1117-XXX
IOUT=1A, △VOUT=1%VOUT
1.4
1.5
V
∆
VLINE Line Regulation
FS1117-XXX IOUT=10mA,1.5V≦VIN-VOUT≦10V
0.1
0.5
%
∆
VLOAD Load Regulation
FS1117-1.8V VIN=3.3V, 10mA<Io<1A
15
18
mV
FS1117-3.3V VIN=5V, 10mA<Io<1A
26
33
mV
eN
Output Noise
FS1117-XXX F=10Hz to 10KHz,
0.003
%
PSRR
Ripple Rejection
FS1117-XXX F=120Hz, COUT=25µF
Tantalum, VIN-VOUT=3V
60
dB
TSD
Thermal Shutdown
Temperature
FS1117-XXX Junction Temperature
150
°C
THYS
Thermal Shutdown
Hysteresis
FS1117-XXX
25
°C
θ
JA
Thermal Resistance ( No
heat-sink, No air flow)
FS1117-XXX SOT-223
117
°C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com