Electronic Components Datasheet Search
  English  ▼

X  

FS1084 Datasheet(PDF) 6 Page - Fortune Semiconductor Corp.

Part # FS1084
Description  5.0A Adjustable & Fixed Voltage LDO Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS1084 Datasheet(HTML) 6 Page - Fortune Semiconductor Corp.

  FS1084 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 9Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
FS1084
Rev. 1.0
6/9
10. Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
-0.3~20
V
TMJ
Maximum Junction Temperature
150
℃
TST
Storage Temperature
-65~150
℃
11. Recommended Operating Conditions
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
18
V
TJ
Operating Junction Temperature Range
-20~120
℃
12. Electrical Characteristics
(CIN=100µF, COUT=100µF, TA=25℃, unless otherwise noted.)
Symbol
Parameter
Test Conditions
Min
Typ
Max Unit
Vref
Reference Voltage
FS1084-Adj Io=10mA, 1.5V≦VIN≦8V
1.225
1.250 1.275
V
VOUT
Output Voltage
FS1084-1.8V Io=10mA, 3.3V≦VIN≦10V
1.764
1.8
1.836
V
FS1084-3.3V Io=10mA, 4.8V≦VIN≦10V
3.235
3.3
3.365
V
ILIMIT
Current Limit
FS1084-XXX VIN-VOUT=3V
5.1
A
IQ
Ground Pin Current
FS1084-XXX VIN=VOUT+1.25V
5
10
mA
IADJ
ADJ Pin Current
FS1084-Adj Io=10mA~5A,1.5V=VIN-VOUT=10V
60
120
µA
VDROP Dropout Voltage
FS1084-XXX
IOUT=5A, △VOUT=1%VOUT
1.3
1.5
V
∆
VLINE Line Regulation
FS1084-XXX IOUT=10mA, 1.5V≦VIN-VOUT≦7V
0.2
0.5
%
∆
VLOAD Load Regulation
FS1084-1.8V VIN=3.3V, 10mA<Io<5A
15
18
mV
FS1084-3.3V VIN=5V, 10mA<Io<5A
26
33
mV
eN
Output Noise
FS1084-XXX F=10Hz to 10KHz,
0.003
%
PSRR
Ripple Rejection
FS1084-XXX F=120Hz, COUT=25µF
Tantalum,VIN-VOUT=3V
60
dB
TSD
Thermal Shutdown
Temperature
FS1084-XXX
150
°C
THYS
Thermal Shutdown
Hysteresis
FS1084-XXX
25
°C
θ
JA
Thermal Resistance ( No
heat-sink, No air flow)
FS1084-XXX TO263-3L
45
°C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com