Electronic Components Datasheet Search
  English  ▼

X  

FS1084 Datasheet(PDF) 7 Page - Fortune Semiconductor Corp.

Part # FS1084
Description  5.0A Adjustable & Fixed Voltage LDO Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS1084 Datasheet(HTML) 7 Page - Fortune Semiconductor Corp.

  FS1084 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 9Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
FS1084
Rev. 1.0
7/9
13. Typical Operating Characteristics
(CIN=10µF, COUT=10µF, TA=+25℃, unless otherwise noted.)
OUTPUT VOLTAGE vs. INPUT VOLTAGE
3.1
3.1
3.2
3.2
3.3
3.3
3.4
4
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5
INPUT VOLTAGE (V)
GROUND PIN CURRENT vs. INPUT VOLTAGE
0.0
1.0
2.0
3.0
4.0
5.0
0
2
4
6
8
10
12
INPUT VOLTAGE(V)
OUTPUT VOLTAGE vs. AMBIENT TEMPERATURE
3.25
3.30
3.35
3.40
-50
0
50
100
150
ANBIENT TEMPERATURE(℃)
GROUND PIN CURRENT vs. LOAD CURRENT
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Load Current(A)
GROUND PIN CURRENT vs. AMBIENT TEMPERATURE
3.00
3.50
4.00
4.50
5.00
-50
0
50
100
150
AMBIENT TEMPERATURE (℃)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com