Electronic Components Datasheet Search
  English  ▼

X  

FS1084 Datasheet(PDF) 8 Page - Fortune Semiconductor Corp.

Part # FS1084
Description  5.0A Adjustable & Fixed Voltage LDO Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS1084 Datasheet(HTML) 8 Page - Fortune Semiconductor Corp.

  FS1084 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 9Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
FS1084
Rev. 1.0
8/9
14. Application Description
The FS1117 keeps a constant 1.25V between the
output pin and the adjust pin. By placing a resister
R1 across these two pins a constant current flows
through R1,assign to the ladj current and into the R2
resister producing a voltage equal to the
(1.25/R1)*R2+ladj*R2 which will be added to the
1.25V to set the output voltage. This is summarized
in the above equation. Since the minimum load
current requirement of be FS1117 is 10mA, R1 is
typically selected to be 121Ω resistor so that it
automatically satisfies the minimum current
requirement . Notice that since ladj is typically in the
range and should only be considered when a very
precise output voltage setting is required. For
example, in a typical 3.3V application where
R1=121Ω and R220Ω the error due to ladj is only
0.3% of the nominal set point.
Stability
The FS1117 requires the use of an output
capacitor as part of the frequency compensation
in order to make the regulator stable. For most
applications a minimum of 100μ F aluminum
electrolytic capacitor insures both stability and
good transient response.
Thermal Design
The FS1117 incorporates an internal thermal
shutdown that protects the device when the junction
temperature exceeds the maximum allowable
junction temperature. Although this device can
operate with junction temperatures in the range of
150℃, it is recommended that the selected heat sink
be chosen such that during maximum continuous
load operation the junction temperature is kept
below the temperature.
Pd=VOUT × IOUT
TJ=TA+Pd × θ JA < 150℃
Layout Consideration
The output capacitors must be located as close to
the VOUT terminal of the device as possible. It is
recommended to use a section of a layer of the PC
board as a plane to connect the VOUT pin to the
output capacitors that may result due to excessive
trace inductance.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com