Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 35Page - Texas Instruments TMP117 Datasheet HTML 36Page - Texas Instruments TMP117 Datasheet HTML 37Page - Texas Instruments TMP117 Datasheet HTML 38Page - Texas Instruments TMP117 Datasheet HTML 39Page - Texas Instruments TMP117 Datasheet HTML 40Page - Texas Instruments TMP117 Datasheet HTML 41Page - Texas Instruments TMP117 Datasheet HTML 42Page - Texas Instruments TMP117 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
4X (0.65)
(1.95)
6X (0.3)
6X (0.45)
(R0.05) TYP
WSON - 0.8 mm max height
DRV0006B
PLASTIC SMALL OUTLINE - NO LEAD
4223922/A 09/2017
SYMM
1
3
4
6
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:25X
NOTES: (continued)
3. For more information, see Texas Instruments literature number SLUA271 (www.ti.com/lit/slua271).
SOLDER MASK
OPENING
SOLDER MASK
METAL UNDER
SOLDER MASK
DEFINED
EXPOSED
METAL
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
SOLDER MASK DETAILS
DEFINED
(PREFERRED)
EXPOSED
METAL
39
TMP117
www.ti.com
SNOSD82A – JUNE 2018 – REVISED OCTOBER 2018
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com