Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 8Page - Texas Instruments TMP117 Datasheet HTML 9Page - Texas Instruments TMP117 Datasheet HTML 10Page - Texas Instruments TMP117 Datasheet HTML 11Page - Texas Instruments TMP117 Datasheet HTML 12Page - Texas Instruments TMP117 Datasheet HTML 13Page - Texas Instruments TMP117 Datasheet HTML 14Page - Texas Instruments TMP117 Datasheet HTML 15Page - Texas Instruments TMP117 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Standby
15.5 ms
1 Conversion Cycle
15.5 ms
Start-Up
Start of
Conversion
Active Conversion
(Active Current Consumption Active Conversion Time) + (Standby Current Consumption Standby Time)
Conversion Cycle Time
u
u
12
TMP117
SNOSD82A – JUNE 2018 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.4 Device Functional Modes
The TMP117 can be configured to operate in various conversion modes by using the MOD[1:0] bits. These
modes provide flexibility to operate the device in the most power efficient way necessary for the intended
application.
7.4.1 Continuous Conversion Mode
When the MOD[1:0] bits are set to 00 or 10 in the configuration register , the device operates in continuous
conversion mode. The device continuously performs temperature conversions in this mode, as shown in
Figure 15, and updates the temperature result register at the end of every active conversion. The user can read
the configuration register or the temperature result register to clear the Data_Ready flag. Therefore, the
Data_Ready flag can be used to determine when the conversion completes so that an external controller can
synchronize reading the result register with conversion result updates. The user can set the DR/nAlert_EN bit in
the configuration register to monitor the state of the Data_Ready flag on the ALERT pin.
Every conversion cycle consists of an active conversion period followed by a standby period. The device typically
consumes 135 µA during active conversion and only 1.25 µA during the low-power standby period. Figure 15
shows a current consumption profile of a conversion cycle while in continuous current mode. The duration of the
active conversion period and standby period can be configured using the CONV[2:0] and AVG[1:0] bits in the
configuration register, thereby allowing the average current consumption of the device to be optimized based on
the application requirements. Changing the conversion cycle period also affects the temperature result update
rate because the temperature result register is updated at the end of every active conversion.
Use Equation 1 to calculate the average current consumption of the device in continuous conversion mode.
(1)
Figure 15. Conversion Cycle Timing Diagram
7.4.2 Shutdown Mode (SD)
When the MOD[1:0] bits are set to 01 in the configuration register, the device instantly aborts the currently
running conversion and enters a low-power shutdown mode. In this mode, the device powers down all active
circuitry and can be used in conjunction with the OS mode to perform temperature conversions. Engineers can
use the TMP117 for battery-operated systems and other low-power consumption applications because the device
typically only consumes 250 nA in SD mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com