Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 9Page - Texas Instruments TMP117 Datasheet HTML 10Page - Texas Instruments TMP117 Datasheet HTML 11Page - Texas Instruments TMP117 Datasheet HTML 12Page - Texas Instruments TMP117 Datasheet HTML 13Page - Texas Instruments TMP117 Datasheet HTML 14Page - Texas Instruments TMP117 Datasheet HTML 15Page - Texas Instruments TMP117 Datasheet HTML 16Page - Texas Instruments TMP117 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Shutdown
15.5 ms
(One-Shot Conversion)
13
TMP117
www.ti.com
SNOSD82A – JUNE 2018 – REVISED OCTOBER 2018
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.3 One-Shot Mode (OS)
When MOD[1:0] bits are set to 11 in the configuration register, the TMP117 will run a temperature conversion
referred to as a one-shot conversion. After the device completes a one-shot conversion, the device goes to the
low-power shutdown mode. A one-shot conversion cycle, unlike the continuous conversion mode, only consists
of the active conversion time and no standby period. Thus, the duration of a one-shot conversion is only affected
by the AVG bit settings. The CONV bits do not affect the duration of a one-shot conversion. Figure 16 shows a
timing diagram for this mode with an AVG setting of 00. At the end of a one-shot conversion, the Data_Ready
and ALERT flag in the configuration register is set. The Data_Ready flag can be used to determine when the
conversion completes. The user can perform an I2C read on the configuration register or temperature result
register to clear the Data_Ready flag. The user can also set the DR/nAlert_EN bit in the configuration register to
monitor the state of the Data_Ready flag on the ALERT pin.
One-shot mode cannot be programmed to a default start-up mode. If the EEPROM is programmed to be in one-
shot mode on start-up, it will default to shutdown mode instead.
Figure 16. One-Shot Timing Diagram With AVG[1:0] = 00
7.4.4 Therm and Alert Modes
The built-in therm and alert functions of the TMP117 can alert the user if the temperature has crossed a certain
temperature limit or if the device is within a certain temperature range. At the end of every conversion, including
averaging, the TMP117 compares the converted temperature result to the values stored in the low limit register
and high limit register. The device then either sets or clears the corresponding status flags in the configuration
register, as described in this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com