Electronic Components Datasheet Search
  English  ▼

X  

ES7149 Datasheet(PDF) 3 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES7149
Description  12-pin, 24-Bit Stereo D/A Converter for PCM Audio
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES7149 Datasheet(HTML) 3 Page - Suzhou Everest Semiconductor Co. Ltd.

  ES7149 Datasheet HTML 1Page - Suzhou Everest Semiconductor Co. Ltd. ES7149 Datasheet HTML 2Page - Suzhou Everest Semiconductor Co. Ltd. ES7149 Datasheet HTML 3Page - Suzhou Everest Semiconductor Co. Ltd. ES7149 Datasheet HTML 4Page - Suzhou Everest Semiconductor Co. Ltd. ES7149 Datasheet HTML 5Page - Suzhou Everest Semiconductor Co. Ltd. ES7149 Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES7149 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES7149 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES7149 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Everest Semiconductor
ES7149
Rev 6.0
September 2018
Latest datasheet: http://www.everest-semi.com or info@everest-semi.com
3
3. APPLICATION DESCRIPTIONS
Sampling Rate and Input Clocks
According to the sampling rate, the device can work in two speed modes, single
speed and double speed. Table 1 lists the typical clock modes supported by the
device. The device supports USB clocks or non standard audio clocks like 25 MHz or
26 MHz.
Table 1 Speed Mode and CLKIN/LRCK Ratio
MODE
Sampling Rate
CLKIN/LRCK Ratio
Single Speed
8kHz – 50kHz
32, 64, 128, 192, 256, 384, 512, 768, 1024
Double Speed
84kHz – 100kHz
128, 192, 256, 384, 512, 768, 1024
Audio Data Input
The ES7149 can accept I²S serial audio input data from 16-bit to 24-bit. The device
can detect the data word length automatically. The relationship of SDATA, SCLK and
LRCK for the format is illustrated through Figures 2.
n-2 n-1
n
3
2
1
1 SCLK
MSB
LSB
LEFT CHANNEL
n-2 n-1
n
3
2
1
1 SCLK
MSB
LSB
RIGHT CHANNEL
SDATA
SCLK
LRCK
Power Up and Power Down
Upon applying VDD, the device will reset itself and enter power down state. During
this state, the device clamps outputs to ground and power down the device operation
except for clock management unit. Once proper CLKIN and LRCK clocks are applied,
the device will leave power down state, and the device outputs ramp from ground to
common mode voltage softly. Then the device enters the normal operation.
Figure 2 I²S serial audio data format up to 24-bit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com