Electronic Components Datasheet Search
  English  ▼

X  

ES7149 Datasheet(PDF) 4 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES7149
Description  12-pin, 24-Bit Stereo D/A Converter for PCM Audio
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES7149 Datasheet(HTML) 4 Page - Suzhou Everest Semiconductor Co. Ltd.

  ES7149 Datasheet HTML 1Page - Suzhou Everest Semiconductor Co. Ltd. ES7149 Datasheet HTML 2Page - Suzhou Everest Semiconductor Co. Ltd. ES7149 Datasheet HTML 3Page - Suzhou Everest Semiconductor Co. Ltd. ES7149 Datasheet HTML 4Page - Suzhou Everest Semiconductor Co. Ltd. ES7149 Datasheet HTML 5Page - Suzhou Everest Semiconductor Co. Ltd. ES7149 Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES7149 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES7149 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES7149 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Everest Semiconductor
ES7149
Rev 6.0
September 2018
Latest datasheet: http://www.everest-semi.com or info@everest-semi.com
4
4. ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
At or beyond this condition, operating continuously may cause permanent damage to
the device. The performance and functions of the device are not guaranteed at these
extremes.
PARAMETER
MIN
MAX
Supply Voltage Level
-0.3V
+5.0V
Input Voltage Range
GND-0.3V
VDD+0.3V
Operating Temperature Range
-40°C
+85°C
Storage Temperature
-65°C
+150°C
Recommended Operating Conditions
PARAMETER
MIN
TYP
MAX
UNIT
Supply Voltage Level
3
3.3
3.6
V
Analog Characteristics
Test conditions: VDD=3.3V, GND=0V, ambient temperature=25°C, Fs=48KHz,
CLKIN/LRCK=256, input 0dB 1KHz sinewave
PARAMETER
MIN
TYP
MAX
UNIT
DAC Performance
Signal to Noise Ratio (Note 1)
95
106
dB
THD+N
-85
-80
dB
Channel Separation (1KHz)
100
dB
Dynamic Range
106
dB
Interchannel Gain Mismatch
0
dB
Frequency Response
(20Hz-20KHz)
-0.02
+0.08
dB
Filter Frequency Response characteristics
Single Speed
Passband
0
0.454
Fs
Stopband
0.547
Fs
Passband Ripple
±0.05
dB
Stopband Attenuation
-53
dB
Double Speed
Passband
0
0.417
Fs
Stopband
0.583
Fs
Passband Ripple
±0.005
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com