Electronic Components Datasheet Search
  English  ▼

X  

ES7149 Datasheet(PDF) 1 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES7149
Description  12-pin, 24-Bit Stereo D/A Converter for PCM Audio
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES7149 Datasheet(HTML) 1 Page - Suzhou Everest Semiconductor Co. Ltd.

  ES7149 Datasheet HTML 1Page - Suzhou Everest Semiconductor Co. Ltd. ES7149 Datasheet HTML 2Page - Suzhou Everest Semiconductor Co. Ltd. ES7149 Datasheet HTML 3Page - Suzhou Everest Semiconductor Co. Ltd. ES7149 Datasheet HTML 4Page - Suzhou Everest Semiconductor Co. Ltd. ES7149 Datasheet HTML 5Page - Suzhou Everest Semiconductor Co. Ltd. ES7149 Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES7149 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES7149 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES7149 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
12-pin, 24-Bit Stereo D/A Converter for PCM Audio
Rev 6.0
September 2018
Latest datasheet: http://www.everest-semi.com or info@everest-semi.com
1
ES7149
GENERAL DESCRIPTION
The ES7149 is a low cost 12-pin stereo
digital to analog converter. The ES7149
can accept I²S serial audio data format
up to 24-bit word length. The device
uses advanced multi-bit
∆-∑ modulation
technique to convert data into two
channel analog outputs. The multi-bit
∆-∑ modulator makes the device with
very low sensitivity to clock jitter and
very low out of band noise.
FEATURES
 106 dB SNR
 -85 dB THD+N
 Up to 100 kHz sampling frequency
 Support USB clocks or non standard
audio clocks like 25 MHz or 26 MHz
 I2S audio data format, 16-24 bits
 Single power supply 3V to 3.6V
APPLICATIONS
 Digital Photo Frame
 Set top box
 Digital TV
 DVD player
 Audio player
ORDERING INFORMATION
ES7149
-40°C ~ +85°C
QFN-12
BLOCK DIAGRAM
Audio
Data
Interface
Interpolation
Filter
Interpolation
Filter
Multi-level
Sigma-delta
DAC
Multi-level
Sigma-delta
DAC
Output Amp
Low Pass
Filter
Output Amp
Low Pass
Filter
Clock Manager/
Sample Rate
Detector
AOUTLP, AOUTLN
AOUTRP, AOUTRN
CLKIN
SDATA
LRCK
SCLK


Similar Part No. - ES7149

ManufacturerPart #DatasheetDescription
logo
Suzhou Everest Semicond...
ES7144LV EVEREST-ES7144LV Datasheet
231Kb / 8P
10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
ES7144S EVEREST-ES7144S Datasheet
335Kb / 8P
10-pin, 24-Bit Stereo D/A Converter for PCM Audio
ES7145LV EVEREST-ES7145LV Datasheet
308Kb / 8P
10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
ES7148 EVEREST-ES7148 Datasheet
364Kb / 9P
12-pin, 24-Bit Stereo D/A Converter for PCM Audio
More results

Similar Description - ES7149

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V738 HOLTEK-HT82V738 Datasheet
120Kb / 9P
24-Bit Stereo Audio D/A Converter
October 16, 2003
logo
Protek Devices
PA5134LV PROTEC-PA5134LV Datasheet
202Kb / 6P
24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5144 PROTEC-PA5144 Datasheet
201Kb / 6P
24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5144LV PROTEC-PA5144LV Datasheet
201Kb / 6P
24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5240 PROTEC-PA5240 Datasheet
267Kb / 8P
24-Bit, 192 kHz Stereo A/D Converter for PCM Audio
logo
Suzhou Everest Semicond...
ES7134S EVEREST-ES7134S Datasheet
360Kb / 8P
8-pin, 24-Bit Stereo D/A Converter for PCM Audio
ES7144S EVEREST-ES7144S Datasheet
335Kb / 8P
10-pin, 24-Bit Stereo D/A Converter for PCM Audio
ES7145LV EVEREST-ES7145LV Datasheet
308Kb / 8P
10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
ES7148 EVEREST-ES7148 Datasheet
364Kb / 9P
12-pin, 24-Bit Stereo D/A Converter for PCM Audio
ES7144LV EVEREST-ES7144LV Datasheet
231Kb / 8P
10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com