Electronic Components Datasheet Search
  English  ▼

X  

HT3560E Datasheet(PDF) 2 Page - Hotchip Technology Co.,Ltd

Part # HT3560E
Description  ChargIng voltage external adjustable, maximum access voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT3560E Datasheet(HTML) 2 Page - Hotchip Technology Co.,Ltd

  HT3560E Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT3560E Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT3560E Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT3560E Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT3560E Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT3560E Datasheet HTML 6Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HT3560E
E
2/6
www.hotchip.com.cn
单节锂电池充电管理
Ver1.0
VIN
BAT
L1(CHRG)
L2(STDBY)
断开
接入
灭
灭
接入
断开
灭
亮
接入
正在充电
亮
灭
接入
充满
灭
亮
接入
短路/反接
灭
灭
引脚定义
引脚名
引脚
号
功能说明
Iprog
1
充电电流调整引脚
CHRG
2
充电指示灯引脚
STDBY
3
饱和指示灯引脚
VDD
4
电源正极
BAT
5
电池正极
Vprog
6
空载电压调整引脚:1、R2不接时,
Vfloat =4.22V
2、通过设置R2阻值,根据使用需求设置浮充门槛电压
GND
7
电源负极(地端)
CT
8
充满延时设置端
电路内部结构框图
温度补偿
充满控制
恒流控制
BAT嵌位
130℃
1V/100mV
Tdie
M=1
M=1200
4.20V
使能模块
电池反接
/短路保
护
VCC欠压
保护
充满延时
PROG开
路保护
VCC-bat
闭锁门限
电压
4
VDD
3
2
1
5
6
7
8
Iprog
GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com