Electronic Components Datasheet Search
  English  ▼

X  

HT4054 Datasheet(PDF) 6 Page - Hotchip Technology Co.,Ltd

Part # HT4054
Description  Constant flow / constant voltage mode operatio
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT4054 Datasheet(HTML) 6 Page - Hotchip Technology Co.,Ltd

  HT4054 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT4054 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT4054 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT4054 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT4054 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT4054 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT4054 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HT4054
0.5A 线性锂离子电池充电器 IC
第 6 页 共 7 页
封装尺寸图
SOT23-5
规格
尺寸
英寸
毫米
最小值
最大值
最小值
最大值
A
0.110
0.120
2.80
3.05
B
0.059
0.070
1.50
1.75
C
0.036
0.051
0.90
1.30
D
0.014
0.020
0.35
0.50
E
—
0.037
—
0.95
F
—
0.075
—
1.90
H
—
0.006
—
0.15
J
0.0035
0.008
0.090
0.20
K
0.102
0.118
2.60
3.00
D
B
A F
K
E
J
C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com