Electronic Components Datasheet Search
  English  ▼

X  

HT4054 Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # HT4054
Description  Constant flow / constant voltage mode operatio
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT4054 Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  HT4054 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT4054 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT4054 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT4054 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT4054 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT4054 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT4054 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HT4054
0.5A 线性锂离子电池充电器 IC
第 1 页 共 7 页
概述
HT4054 是恒流/恒压充电器芯片,主要应用
于单节锂电池充电管理。无需外接检测电阻,其内
部为 MOSFET 结构,因此无需外接反向二极管。
HT4054 在大功率和高环境温度下可以调节充电
电 流 以限制芯片温度。它的充电电 压固定在
4.2V(典型值),充电电流可以通过外置一个电阻器
进行调节。当达到浮充电压并且充电电流下降到设
定电路的 1/10 时,HT4054 自动终止充电过程。
当输入电压移开之后,HT4054 自动进入低电流模
式,从电池吸取少于 2uA 的电流。当 HT4054 进
入待机模式时,供电电流小于 40uA。
HT4054 还可以监控充电电流,具有电压
检测、自动循环充电的特性,并且具有一个指
示管脚指示充电终止状态和输入电压状态。
特性
可达 500mA 的可编程充电电流
无需外接 MOSFET、检测电阻、反向二极管
恒流/恒压模式操作,具有热保护功能
可通过 USB 端口为锂电池充电
具有 1%精度的预设充电电压
待机模式下电流为 40uA
2.9V 涓流充电电压
软启动限制了浪涌电流
采用 SOT23-5 封装
产品应用
手机、掌上电脑、MP3 播放器
蓝牙耳机
应用线路
2
3
4
5
BAT
PROG
VCC
GND
330Ω
Li-lon
Battery
R1
R2
1uF
C1
VCC
2KΩ
CHRG
1
LED
500mA


Similar Part No. - HT4054

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
HT400 GILWAY-HT400 Datasheet
108Kb / 2P
Commercial Grade Lampholders
More results

Similar Description - HT4054

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-600H MEANWELL-HLG-600H Datasheet
174Kb / 8P
CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
logo
Linkage Goston Electron...
LNK303P LINKAGE-LNK303P Datasheet
3Mb / 7P
Constant voltage / constant flow control power switch
LNK305P LINKAGE-LNK305P Datasheet
4Mb / 7P
Constant voltage / constant flow control power switch
LNK513 LINKAGE-LNK513 Datasheet
5Mb / 8P
Program-controlled constant voltage / constant flow controller
SM7503 LINKAGE-SM7503 Datasheet
4Mb / 7P
Constant voltage / constant flow control power switch
SM7503P LINKAGE-SM7503P Datasheet
1Mb / 7P
Constant voltage / constant flow control power switch
SM7505 LINKAGE-SM7505 Datasheet
2Mb / 7P
Constant voltage / constant flow control power switch
SM8513 LINKAGE-SM8513 Datasheet
2Mb / 8P
Program-controlled constant voltage / constant flow controller
logo
Jingjing Microelectroni...
EG4313 EGMICRO-EG4313 Datasheet
585Kb / 9P
Constant voltage / constant flow control chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com