Electronic Components Datasheet Search
  English  ▼

X  

FD2157H Datasheet(PDF) 3 Page - Feeling Technology Corp.

Part # FD2157H
Description  Smart motor driver with embedded Hall sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD2157H Datasheet(HTML) 3 Page - Feeling Technology Corp.

  FD2157H Datasheet HTML 1Page - Feeling Technology Corp. FD2157H Datasheet HTML 2Page - Feeling Technology Corp. FD2157H Datasheet HTML 3Page - Feeling Technology Corp. FD2157H Datasheet HTML 4Page - Feeling Technology Corp. FD2157H Datasheet HTML 5Page - Feeling Technology Corp. FD2157H Datasheet HTML 6Page - Feeling Technology Corp. FD2157H Datasheet HTML 7Page - Feeling Technology Corp. FD2157H Datasheet HTML 8Page - Feeling Technology Corp. FD2157H Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
FD2157H
Rev1.2 Jul. 06, 2009
P.3
FEELING
TECHNOLOGY
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Values
Unit
min.
Typ.
max.
Operating Temperature
TOP
-
-40
85
℃
Storage Temperature
TST
-
-55
150
℃
Output Clamp Voltage
VC
-
55
V
DC Supply Voltage
VDD
-
32
(1)
V
Supply Current
IDD
-
5
mA
Continuous Current
IO(CONT)
350
mA
Hold Current
IO(HOLD)
800
mA
Peak Current
IO(PEAK)
<100µs
1000
mA
Junction temperature
TJ
170
℃
Power Dissipation
PD
SIP-4L
1200
mW
Thermal Resistance
θ
JC
SIP-4L
90
oC/W
Thermal Resistance
θ
JA
SIP-4L
104
oC/W
Magnetic Flux Density
B
Unlimited
Gauss
IR-Reflow Lead Temperature
TP
10sec
260
℃
Note 1:
:
:
:VBEMF must be lower than the output clamp voltage VC.
255 ± 5
oC
10 ± 1 sec
150 ± 10
oC
90 ± 30 sec
2~5
oC /sec
2~5
oC /sec
SECOND
IR-ReFlow Soldering Condition
0
2 5
5 0
75
1 0 0
1 2 5
15 0
7 4 0
9 6 0
1 20 0
P d (m W )
T e m p . (
)
o C
P o w er D is sip atio n C u rv e
5 3 0
2 9 0
9 6
0
8 5 oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com