Electronic Components Datasheet Search
  English  ▼

X  

FD2157H Datasheet(PDF) 6 Page - Feeling Technology Corp.

Part # FD2157H
Description  Smart motor driver with embedded Hall sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD2157H Datasheet(HTML) 6 Page - Feeling Technology Corp.

Back Button FD2157H Datasheet HTML 2Page - Feeling Technology Corp. FD2157H Datasheet HTML 3Page - Feeling Technology Corp. FD2157H Datasheet HTML 4Page - Feeling Technology Corp. FD2157H Datasheet HTML 5Page - Feeling Technology Corp. FD2157H Datasheet HTML 6Page - Feeling Technology Corp. FD2157H Datasheet HTML 7Page - Feeling Technology Corp. FD2157H Datasheet HTML 8Page - Feeling Technology Corp. FD2157H Datasheet HTML 9Page - Feeling Technology Corp. FD2157H Datasheet HTML 10Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
FD2157H
Rev1.2 Jul. 06, 2009
P.6
FEELING
TECHNOLOGY
Application Circuit Reference
Figure.10
1.90mm
1.1mm
U1
FD2157H
L1
R1
C1
Q1
2N2222
CN1
Connector
1
2
3
D1
VCC
R2
L2
FGO
MOTOR
2. Q1, R2 and R3 are FG output signal circuit
1. D1 is a reversed protection diode
NOTE
Note 2
Note 1
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com