Electronic Components Datasheet Search
  English  ▼

X  

FD2157H Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FD2157H
Description  Smart motor driver with embedded Hall sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD2157H Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FD2157H Datasheet HTML 1Page - Feeling Technology Corp. FD2157H Datasheet HTML 2Page - Feeling Technology Corp. FD2157H Datasheet HTML 3Page - Feeling Technology Corp. FD2157H Datasheet HTML 4Page - Feeling Technology Corp. FD2157H Datasheet HTML 5Page - Feeling Technology Corp. FD2157H Datasheet HTML 6Page - Feeling Technology Corp. FD2157H Datasheet HTML 7Page - Feeling Technology Corp. FD2157H Datasheet HTML 8Page - Feeling Technology Corp. FD2157H Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FD2157H
Smart motor driver with embedded Hall sensor
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Rev1.2 Jul. 06, 2009
P.1
FEELING
TECHNOLOGY
Features
Motor driver with high sensitivity Hall-effect sensor
Open drain MOS driver output
Lock-shutdown protection & auto-restart function
“Soft-switch” phase-switching technique to reduce vibration and acoustic noise
Thermal shutdown protection(TSD)
Available in SIP-4L package
For 24V DC motor / FAN systems
General Description
FD2157H is a two-phase half wave motor driver with embedded Hall-effect sensor IC. It integrates a open drain
MOS driver, a high sensitivity hall-effect sensor, an event timer for rotor locked in SIP-4L package, which make the
motors’ PCBs(printed circuit boards) design easy and fabricate the high efficiency and high voltage DC motors or
FANs as simply as possible.
For safety, Lock-shutdown function would turn the IC’s internal drivers off avoiding over-heat when the rotor is
locked, and IC will try to re-start the rotor’s torque after the time of these drivers’ shutdown.
Thermal-shutdown protection (TSD) ensures the internal drivers of IC are operating under a safe operating
temperature range.
All the protection mechanisms mentioned above combine to provide a complete protecting scenario in the motor
system and avoid any possible damages and guarantee under a correct and safe operation.
Block Diagram
Figure.1
Bias Generator
Open Drain
MOS Driver
Oscillator
Hall Plate
Reset
Power On
Digital Control Logic
(Event Timer)
Chopper Amplifier
Halogen Free


Similar Part No. - FD2157H

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
FD212 SITI-FD212 Datasheet
196Kb / 8P
Single Coil Brushless DC Motor Drivers Built-in Hall Sensor ( 2 to 5.5 Volts )
FD216 SITI-FD216 Datasheet
170Kb / 6P
Brushless Vibrator Driver Built-in Hall Sensor
More results

Similar Description - FD2157H

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FD115CH FEELING-FD115CH Datasheet
498Kb / 12P
Smart motor driver with embedded Hall sensor
FD0250F FEELING-FD0250F Datasheet
211Kb / 11P
Smart motor driver with embedded Hall sensor
FD0251F FEELING-FD0251F Datasheet
152Kb / 12P
Smart motor driver with embedded Hall sensor
FD0252B FEELING-FD0252B Datasheet
256Kb / 13P
Smart motor driver with embedded Hall sensor
FD0252F FEELING-FD0252F Datasheet
253Kb / 15P
Smart motor driver with embedded Hall sensor
FD0259F FEELING-FD0259F Datasheet
225Kb / 12P
Smart motor driver with embedded Hall sensor
FD1157AH FEELING-FD1157AH Datasheet
333Kb / 11P
Smart motor driver with embedded Hall sensor
FD1257AH FEELING-FD1257AH Datasheet
272Kb / 12P
Smart motor driver with embedded Hall sensor
FD1257H FEELING-FD1257H Datasheet
317Kb / 10P
Smart motor driver with embedded Hall sensor
FD2257H FEELING-FD2257H Datasheet
251Kb / 12P
Smart motor driver with embedded Hall sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com