Electronic Components Datasheet Search
  English  ▼

X  

MSM6688 Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM6688
Description  ADPCM Solid-State Recorder IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6688 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM6688 Datasheet HTML 8Page - OKI electronic componets MSM6688 Datasheet HTML 9Page - OKI electronic componets MSM6688 Datasheet HTML 10Page - OKI electronic componets MSM6688 Datasheet HTML 11Page - OKI electronic componets MSM6688 Datasheet HTML 12Page - OKI electronic componets MSM6688 Datasheet HTML 13Page - OKI electronic componets MSM6688 Datasheet HTML 14Page - OKI electronic componets MSM6688 Datasheet HTML 15Page - OKI electronic componets MSM6688 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 159 page
background image
12/159
¡ Semiconductor
MSM6688/6688L
Analog Characteristics
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
DVDD=DVDD'=AVDD=4.5 to 5.5V
DGND=AGND=0V Ta=–40 to +85°C
DA output relative error
|VDAE|
no load
—
—
10
mV
FIN admissible input
voltage range
VFIN
—1
—
VDD-1
V
FIN input impedance
RFIN
—1
—
—
MW
Op-amp open loop gain
GOP
fIN=0-4kHz
40
—
—
dB
Op-amp input impedance
RINA
—1
—
—
MW
Op-amp load resistance
ROUTA
—
200
—
—
kW
AOUT load resistance
RAOUT
—50
—
—
kW
FOUT load resistance
RFOUT
—50
—
—
kW
ADIN input impedance
RADIN
—1
—
—
MW
ADIN admissible input
voltage range
VADIN
—0
—
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com