Electronic Components Datasheet Search
  English  ▼

X  

MSM6688 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM6688
Description  ADPCM Solid-State Recorder IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6688 Datasheet(HTML) 2 Page - OKI electronic componets

  MSM6688 Datasheet HTML 1Page - OKI electronic componets MSM6688 Datasheet HTML 2Page - OKI electronic componets MSM6688 Datasheet HTML 3Page - OKI electronic componets MSM6688 Datasheet HTML 4Page - OKI electronic componets MSM6688 Datasheet HTML 5Page - OKI electronic componets MSM6688 Datasheet HTML 6Page - OKI electronic componets MSM6688 Datasheet HTML 7Page - OKI electronic componets MSM6688 Datasheet HTML 8Page - OKI electronic componets MSM6688 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 159 page
background image
2/159
CONTENTS
(1) STAND-ALONE MODE
(for MSM6688 (5 V Version))
FEATURES ........................................................ 3
BLOCK DIAGRAM .......................................... 4
PIN CONFIGURATION .................................. 5
PIN DESCRIPTIONS ....................................... 6
ABSOLUTE MAXIMUM RATINGS ............ 10
RECOMMENDED OPERATING
CONDITIONS ................................................. 10
ELECTRICAL CHARACTERISTICS ........... 11
TIMING DIAGRAMS .................................... 15
FUNCTIONAL DESCRIPTION ................... 28
Recording Time and Memory
Capacity ................................................ 28
Connection of an Oscillator ..................... 28
Power Supply Wiring............................... 29
Analog Input Amplifier Circuit ............. 29
Connection of LPF Circuit
Peripherals ........................................... 30
LPF Characteristics ................................... 31
Reset Function ........................................... 32
Power Down by the PDWN pin ............. 33
Record/Playback Control Mode ............ 34
Deleting phrases ....................................... 36
Recording Method .................................... 37
Playback Method ...................................... 38
ROM Playback Method ............................ 39
Voice Triggered Starting .......................... 40
Method of Temporarily Stopping Record/
Playback by Pause Function .............. 42
APPLICATION CIRCUIT ............................. 43
(2) MICROCONTROLLER INTERFACE
MODE
(for MSM6688 (5 V Version)
and MSM6688L (3 V Version))
FEATURES ....................................................... 44
BLOCK DIAGRAM ......................................... 45
PIN CONFIGURATION ................................. 46
PIN DESCRIPTIONS ...................................... 47
ABSOLUTE MAXIMUM RATINGS
(for MSM6688 (5 V Version)) ......................... 50
RECOMMENDED OPERATING CON-
DITIONS (for MSM6688 (5 V Version)) ....... 50
ELECTRICAL CHARACTERISTICS
(for MSM6688 (5 V Version)) ......................... 50
ABSOLUTE MAXIMUM RATINGS
(for MSM6688L (3 V Version)) ...................... 55
RECOMMENDED OPERATING CONDITIONS
(for MSM6688L (3 V Version)) ...................... 55
ELECTRICAL CHARACTERISTICS
(for MSM6688L (3 V Version)) ...................... 55
TIMING DIAGRAMS ..................................... 60
FUNCTIONAL DESCRIPTION .................... 79
Recording Time and Memory
Capacity ................................................. 79
Connection of an Oscillator ...................... 79
Power Supply Wiring................................ 81
Analog Input Amplifier Circuit .............. 81
Connection of LPF Circuit
Peripherals ............................................ 82
LPF Characteristics .................................... 82
Full Scale of A/D and D/A Converters . 83
Reset Function ............................................ 84
Power Down by the PDWN pin .............. 85
Record/Playback Control Modes ........... 86
Data Configuration of External Serial
Registers ................................................ 88
Data Configuration of External
Serial Voice ROMs ............................... 97
Command Description .............................. 99
Status Register .......................................... 108
Inputting the Commands ....................... 112
Changes of Record/Playback
Conditions ........................................... 116
Setting and Confirming the
Record/Playback Conditions ................ 117
Flex Record/Playback Method .............. 128
Direct Record/Playback Method ......... 135
ROM Playback by Inputting Address
Code ..................................................... 138
Direct ROM Playback Method ............... 142
Stopping Record/
Playback Temporarily ....................... 144
Transferring Data to/from External
Memories ............................................. 145
Record/playback by Inputting/
Outputting Voice Data via Data Bus ........ 151
Suppression of Pop Noise at
AOUT Output ..................................... 155
APPLICATION CIRCUIT ............................ 157
¡ Semiconductor
MSM6688/6688L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com