Electronic Components Datasheet Search
  English  ▼

X  

MSM6688 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM6688
Description  ADPCM Solid-State Recorder IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6688 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM6688 Datasheet HTML 9Page - OKI electronic componets MSM6688 Datasheet HTML 10Page - OKI electronic componets MSM6688 Datasheet HTML 11Page - OKI electronic componets MSM6688 Datasheet HTML 12Page - OKI electronic componets MSM6688 Datasheet HTML 13Page - OKI electronic componets MSM6688 Datasheet HTML 14Page - OKI electronic componets MSM6688 Datasheet HTML 15Page - OKI electronic componets MSM6688 Datasheet HTML 16Page - OKI electronic componets MSM6688 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 159 page
background image
13/159
¡ Semiconductor
MSM6688/6688L
AC Characteristics
Items with * are proportional to the period of master clock frequency fosc.
Items with ** are proportional to the period of the master clock frequency fosc, and are also
proportional to the sampling frequency fSAMP during record/playback.
Note: 1. The oscillation start stabilization time is added to tREX and tBPD.
The oscillation start stabilization time is several tens of milliseconds for crystals and
several hundreds of microseconds for ceramic oscillators.
Note: 2. The oscillation start stabilization time is added if PDMD pin = "L".
The oscillation start stabilization time is several tens of milliseconds for crystals and
several hundreds of microseconds for ceramic oscillators.
DVDD=DVDD'=AVDD=4.5 to 5.5V
DGND=AGND=0V Ta=–40 to +85°C
fosc=4.096MHz fSAMP=8.0kHz
Parameter
Symbol
Min.
Typ.
Max.
Unit
RESET pulse width
RESET execution time
PDWN low level time
PDWN high level time
Oscillating time after input of PDWN
BUSY time after release of PDWN
ST pulse width
SP pulse width
PAUSE pulse width
DEL pulse width
Time required to delete all phrases
Time required to delete a specified phrase
Time from input of DEL pulse to CSI fall
Hold time of CA0~CA5, REC/PLAY after MON rise
Address control time at the start of record/playback
Time from input of ST pulse to NAR fall
Unvoiced time between phrases during repeated playback
POMD=H
Time from input of ST pulse
to MON rise
Time from input of SP pulse
to MON fall
Time from input of ST pulse to standby for
voice
Time from input of SP pulse during standby
for voice to release of standby for voice
Record
Playback
ROM playback
Record
Playback
ROM playback
*
*
*
*
*
*
(Note 1)*
*
*
(Note 1)*
**
**
*
*
*
*
*
*
tTMH1
tTMH2
tTMH3
tPMH1
tPMH2
tPMH3
tRST
tREX
tPDL
tPDH
tPX
tBPD
tST
tSP
tPSE
tDEL
tWBLA
tWBL1
tDCS
tCAH
tAD1
tSTN
tMID
tSTVH
tSPVH
—
—
—
—
—
—
1
—
500
500
125
0.25
40
40
40
40
550
70
—
1
—
—
0.75
—
—
—
—
—
—
—
—
—
1
—
—
—
—
—
—
—
—
—
—
—
—
1
—
—
—
—
50
20
1
80
2
2
—
—
—
—
500
—
—
—
—
—
—
—
270
—
—
40
1
50
80
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
(Note 1)*
(Note 2)**
(Note 2)*
(Note 2)*
(Note 2)*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com