Electronic Components Datasheet Search
  English  ▼

X  

TM1806 Datasheet(PDF) 1 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1806
Description  6 way led
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1806 Datasheet(HTML) 1 Page - Shenzhen Putianhe Technology Co., Ltd

  TM1806 Datasheet HTML 1Page - Shenzhen Putianhe Technology Co., Ltd TM1806 Datasheet HTML 2Page - Shenzhen Putianhe Technology Co., Ltd TM1806 Datasheet HTML 3Page - Shenzhen Putianhe Technology Co., Ltd TM1806 Datasheet HTML 4Page - Shenzhen Putianhe Technology Co., Ltd TM1806 Datasheet HTML 5Page - Shenzhen Putianhe Technology Co., Ltd TM1806 Datasheet HTML 6Page - Shenzhen Putianhe Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
6
66
6 通道带反馈控制
通道带反馈控制
通道带反馈控制
通道带反馈控制 LED
LED
LED
LED 恒流驱动
恒流驱动
恒流驱动
恒流驱动 IC TM1806
IC TM1806
IC TM1806
IC TM1806
第 1 页 共 6 页
www.szpth.com
概述
概述
概述
概述:
:
:
:
TM1806 是一个输出电流可编程的LED恒流驱动IC,它提供了6个相同电流的恒流
输出通道。提供FB反馈引脚用来指明通道(OUT1-OUT6引脚上)中的最小输出电压。
用户仅需一个外围电阻就可设置每通道的输出电流,电流范围从10mA 到 60mA均
可调,大大减少用户的产品成本。为了方便控制,TM1806提供了一个高电平有效的OE
控制端,同时也可从OE端传递PWM信号以方便控制LED的亮度。当禁能状态持续保持
20ms以上时芯片进入待机模式(内部看门狗功能启用)。
芯片温度超过150°C时,内部超温保护功能动作,以防止芯片温度过高而损坏。
特点
特点
特点
特点:
:
:
:
6个恒流输出通道
输出电流精度: 通道间±3% ,芯片间±7%
输出电流可由外围电阻调整
恒流输出范围: 10mA~60mA.
极宽的电源电压输入范围: 6V~50V.
输出端口耐压:75V.
FB 反馈脚用于闭环控制.
20ms 的内部看门狗功能.
1uA 的待机电流.
典型应用电路
典型应用电路
典型应用电路
典型应用电路:
:
:
:


Similar Part No. - TM1806

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
TM1800 MIMIX-TM1800 Datasheet
169Kb / 1P
TWTA SSPA Replacement Kits
TM1800 MIMIX-TM1800 Datasheet
169Kb / 1P
TWTA SSPA Replacement Kits
TM1800 MIMIX-TM1800_1 Datasheet
169Kb / 1P
TWTA SSPA Replacement Kits
logo
Shenzhen Putianhe Techn...
TM1801 PTH-TM1801 Datasheet
232Kb / 5P
Single-way LED
TM1802 PTH-TM1802 Datasheet
260Kb / 6P
Single way LED
More results

Similar Description - TM1806

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
SSA190 BOT-SSA190 Datasheet
33Kb / 2P
3mm LED ARRAY 6 WAY 2 HIGH
logo
American Accurate Compo...
JXWBGF-T-6-2.4-6 AAC-JXWBGF-T-6-2.4-6 Datasheet
69Kb / 1P
6-Way Power Divider
JXWBHC-T-6-800-2000 AAC-JXWBHC-T-6-800-2000 Datasheet
54Kb / 1P
6-Way Power Combiner
logo
Amphenol Corporation
AT04-6P AMPHENOL-AT04-6P Datasheet
604Kb / 1P
Recpt, 6 Way
AT06-6S AMPHENOL-AT06-6S Datasheet
143Kb / 1P
Plug, 6 Way
logo
SYNERGY MICROWAVE CORPO...
DFK-7B1S SYNERGY-DFK-7B1S Datasheet
343Kb / 3P
6-WAY POWER DIVIDER
DFK-705S SYNERGY-DFK-705S Datasheet
435Kb / 3P
6-WAY POWER DIVIDER
logo
Shenzhen Putianhe Techn...
TM1801 PTH-TM1801 Datasheet
232Kb / 5P
Single-way LED
TM1804 PTH-TM1804 Datasheet
580Kb / 11P
Three-way LED
TM1810 PTH-TM1810 Datasheet
368Kb / 7P
Single Way LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com