Electronic Components Datasheet Search
  English  ▼

X  

TM1810 Datasheet(PDF) 1 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1810
Description  Single Way LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1810 Datasheet(HTML) 1 Page - Shenzhen Putianhe Technology Co., Ltd

  TM1810 Datasheet HTML 1Page - Shenzhen Putianhe Technology Co., Ltd TM1810 Datasheet HTML 2Page - Shenzhen Putianhe Technology Co., Ltd TM1810 Datasheet HTML 3Page - Shenzhen Putianhe Technology Co., Ltd TM1810 Datasheet HTML 4Page - Shenzhen Putianhe Technology Co., Ltd TM1810 Datasheet HTML 5Page - Shenzhen Putianhe Technology Co., Ltd TM1810 Datasheet HTML 6Page - Shenzhen Putianhe Technology Co., Ltd TM1810 Datasheet HTML 7Page - Shenzhen Putianhe Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
单通道
单通道
单通道
单通道 LED
LED
LED
LED 恒流
恒流
恒流
恒流驱动
驱动
驱动
驱动芯片
芯片
芯片
芯片 TM1810
TM1810
TM1810
TM1810
- 1 -
www.szpth.com
V1.4
特性描述
特性描述
特性描述
特性描述
TM1810是单通道LED发光二极管恒流驱动专用电路,内部集成有LED高压驱动电路,通过外围与
LED发光二极管的连接来实现恒流照明控制。本产品性能优良、连接简单、质量可靠。采用SOT-23或
TO-92的封装形式。
功能特点
功能特点
功能特点
功能特点
采用高压功率CMOS工艺
输出端口耐压24V
无需任何外围器件
TM1810-2:电流恒定18mA (±3%)
TM1810-3:电流恒定30mA (±3%)
封装形式:SOT-23 TO-92
内部结构
内部结构
内部结构
内部结构框图
框图
框图
框图
2
3
温
温
温
温温
温
温
温温
温
温
温温
温
温
温温
温
温
温
OUT
GND


Similar Part No. - TM1810

ManufacturerPart #DatasheetDescription
logo
Shenzhen Titan Micro El...
TM1810 TITAN-TM1810 Datasheet
658Kb / 6P
LED
More results

Similar Description - TM1810

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
SSA019 BOT-SSA019 Datasheet
36Kb / 2P
8 WAY 5mm LED ASSEMBLY
SSA-099 BOT-SSA-099 Datasheet
34Kb / 2P
5mm LED ASSEMBLY 3 WAY
SSA190 BOT-SSA190 Datasheet
33Kb / 2P
3mm LED ARRAY 6 WAY 2 HIGH
SA210 BOT-SA210 Datasheet
42Kb / 2P
5mm LED Assembly Single Way to 4 Way
logo
Shenzhen Putianhe Techn...
TM1801 PTH-TM1801 Datasheet
232Kb / 5P
Single-way LED
TM1802 PTH-TM1802 Datasheet
260Kb / 6P
Single way LED
TM1804 PTH-TM1804 Datasheet
580Kb / 11P
Three-way LED
TM1806 PTH-TM1806 Datasheet
261Kb / 6P
6 way led
TM1809 PTH-TM1809 Datasheet
531Kb / 11P
9 Way LED
logo
SJM Prewell. All Rights...
PSC13A SJM-PSC13A Datasheet
368Kb / 4P
Single Ended 3-Way Active Splitter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com