Electronic Components Datasheet Search
  English  ▼

X  

LD5850GS Datasheet(PDF) 7 Page - Leadtrend Technology

Part # LD5850GS
Description  Boost Controller for LED Backlight
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5850GS Datasheet(HTML) 7 Page - Leadtrend Technology

Back Button LD5850GS Datasheet HTML 3Page - Leadtrend Technology LD5850GS Datasheet HTML 4Page - Leadtrend Technology LD5850GS Datasheet HTML 5Page - Leadtrend Technology LD5850GS Datasheet HTML 6Page - Leadtrend Technology LD5850GS Datasheet HTML 7Page - Leadtrend Technology LD5850GS Datasheet HTML 8Page - Leadtrend Technology LD5850GS Datasheet HTML 9Page - Leadtrend Technology LD5850GS Datasheet HTML 10Page - Leadtrend Technology LD5850GS Datasheet HTML 11Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LD5850
7
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5850-DS-00
November 2012
Typical Performance Characteristics
17 LEDs in series, 500mA/string, unless otherwise noted.
Fig. 2
VIN=24V, “DIM Turn On, Duty=100%”
VOUT
VDIM
ILED
VIN
Fig. 3
VIN=24V, “Steady State, Duty=100%”
VOUT
VDRV
ILED
VCC
Fig. 4
VIN=24V, “fDIM=240Hz ,Dim Duty=100%”
VIN
ILED
VDIM
VOUT
Fig. 5 VIN=24V, “ fDIM=240Hz, Duty=10%
VIN
ILED
VDIM
VOUT
Fig. 6 VIN=24V, “fDIM=240Hz, Dim Duty=100%”
VIN
ILED
VDIM
VOUT
Fig. 7 VIN=24V, “LED Open Protection , Duty=100%
VOVP
VDRV
VCOMP
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com