Electronic Components Datasheet Search
  English  ▼

X  

LD5850GS Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD5850GS
Description  Boost Controller for LED Backlight
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5850GS Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD5850GS Datasheet HTML 3Page - Leadtrend Technology LD5850GS Datasheet HTML 4Page - Leadtrend Technology LD5850GS Datasheet HTML 5Page - Leadtrend Technology LD5850GS Datasheet HTML 6Page - Leadtrend Technology LD5850GS Datasheet HTML 7Page - Leadtrend Technology LD5850GS Datasheet HTML 8Page - Leadtrend Technology LD5850GS Datasheet HTML 9Page - Leadtrend Technology LD5850GS Datasheet HTML 10Page - Leadtrend Technology LD5850GS Datasheet HTML 11Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LD5850
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5850-DS-00
November 2012
Package Information
SOP-8
Symbols
Dimensions in Millimeters
Dimensions in Inch
MIN
MAX
MIN
MAX
A
4.801
5.004
0.189
0.197
B
3.810
3.988
0.150
0.157
C
1.346
1.753
0.053
0.069
D
0.330
0.508
0.013
0.020
F
1.194
1.346
0.047
0.053
H
0.178
0.254
0.007
0.010
I
0.102
0.254
0.004
0.010
J
5.791
6.198
0.228
0.244
M
0.406
1.270
0.016
0.050
θ
0°
8°
0°
8°
Important Notice
Leadtrend Technology Corp. reserves the right to make changes or corrections to its products at any time without notice. Customers
should verify the datasheets are current and complete before placing order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com