Electronic Components Datasheet Search
  English  ▼

X  

LD5850GS Datasheet(PDF) 8 Page - Leadtrend Technology

Part # LD5850GS
Description  Boost Controller for LED Backlight
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5850GS Datasheet(HTML) 8 Page - Leadtrend Technology

Back Button LD5850GS Datasheet HTML 3Page - Leadtrend Technology LD5850GS Datasheet HTML 4Page - Leadtrend Technology LD5850GS Datasheet HTML 5Page - Leadtrend Technology LD5850GS Datasheet HTML 6Page - Leadtrend Technology LD5850GS Datasheet HTML 7Page - Leadtrend Technology LD5850GS Datasheet HTML 8Page - Leadtrend Technology LD5850GS Datasheet HTML 9Page - Leadtrend Technology LD5850GS Datasheet HTML 10Page - Leadtrend Technology LD5850GS Datasheet HTML 11Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LD5850
8
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5850-DS-00
November 2012
Application Information
Operation Overview
The LD5850 is designed for current-mode control power
converters. It provides all the advantages of current-mode
control, including cycle-by cycle current limit and the
simplified loop compensation.
Output Drive Stage
An output stage of a CMOS buffer, with typical driving
capability of 1.2A/-1.3A, is incorporated to drive a power
MOSFET directly.
The output voltage is clamped at 14V
to protect the MOSFET gate even when the VCC voltage
is higher than 14V.
Under Voltage Lockout (UVLO)
An UVLO comparator is implemented in it to detect the
voltage across the VCC pin. It would detect if the supply
voltage is enough to turn on the LD5850 and further to
drive the power MOSFET.
As shown in Fig. 1, a
hysteresis is built in to prevent the shutdown from the
voltage dip during start up.
The turn-on and turn-off
threshold level are set at 10.0V and 8V, respectively.
Vcc
UVLO(on)
UVLO(off)
t
t
I(Vcc)
Shutdown Current
(~uA)
Standby Current
(~ mA)
Fig. 1
LED Open Protection and OVP Trip Point
If there’s open in LED string, VOUT will start to boost up
OVP voltage. Once it rises up to the threshold of around
2.5V, the MOSFET drive output (DRV) will turn off and the
IC restart it only after OVP voltage drops below 1.5V.
B
A
B
OVP
R
R
R
2.5
V
Place the bypass capacitor (COVP) between OVP and
signal ground as close as possible. It
’s superior to
suppress the noise and protect OVP from abnormal
condition.
Programming the LED Current
Select an external current sense resistor (RFB) to set the
LED current.
LED
FB
I
V
3
.
0
R
Dimming Control
The LED brightness control is accomplished by the PWM
signal from DIM pin in proportion to the various duty
cycles. LD5850 can apply the external PWM signal to DIM
pin in the range from 100Hz to 1 KHz with a swing voltage
of 0V to a level greater than 2.0V.
Current
Sensing
and
Leading-edge
Blanking
The LD5850 detects the primary MOSFET current across
the CS pin for the protection of cycle-by-cycle current limit.
The voltage threshold of the current sensing pin is set at
0.5V maximum. The MOSFET peak current can be
obtained as below.
CS
)
MAX
(
PEAK
R
V
5
.
0
I
A 275ns leading-edge blanking (LEB) time is programed
in the input of CS pin to prevent the false-triggering from
the current spike. The R-C filter is eliminable in those low
power applications, features pulse width of the turn-on



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com