Electronic Components Datasheet Search
  English  ▼

X  

LD7835 Datasheet(PDF) 8 Page - Leadtrend Technology

Part # LD7835
Description  Non-isolation Buck Solution High Power Factor LED Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7835 Datasheet(HTML) 8 Page - Leadtrend Technology

Back Button LD7835 Datasheet HTML 4Page - Leadtrend Technology LD7835 Datasheet HTML 5Page - Leadtrend Technology LD7835 Datasheet HTML 6Page - Leadtrend Technology LD7835 Datasheet HTML 7Page - Leadtrend Technology LD7835 Datasheet HTML 8Page - Leadtrend Technology LD7835 Datasheet HTML 9Page - Leadtrend Technology LD7835 Datasheet HTML 10Page - Leadtrend Technology LD7835 Datasheet HTML 11Page - Leadtrend Technology LD7835 Datasheet HTML 12Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
LD7835
8
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7835-DS-01 July 2015
Temperature (
C)
Fig. 8 ZCD OVP Threshold vs. Temperature
-40
0
40
80
120 125
3.95
4.00
4.05
4.10
4.15
3.90
Temperature (
C)
Fig. 9
VCC OVP Threshold vs. Temperature
27.0
27.5
28.0
28.5
29.0
29.5
-40
0
40
80
120
125
Temperature (
C)
Fig. 10
COMP Pin Open Voltage vs. Temperature
-40
0
40
80
120 125
5.0
5.2
5.4
5.6
5.8
6.0
Temperature (
C)
Fig. 11 Time out vs. Temperature
-40
0
40
80
120 125
120
140
160
180
200
100
Temperature (
C)
Fig. 12
Max-On Time1(COMP=5V) vs. Temperature
-40
0
40
80
120 125
12
14
16
18
20
10
Temperature (
C)
Fig. 13
ZCD Input Threshold vs. Temperature
-40
0
40
80
120 125
0.58
0.60
0.62
0.64
0.66
0.56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com