Electronic Components Datasheet Search
  English  ▼

X  

LD7835 Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD7835
Description  Non-isolation Buck Solution High Power Factor LED Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7835 Datasheet(HTML) 1 Page - Leadtrend Technology

  LD7835 Datasheet HTML 1Page - Leadtrend Technology LD7835 Datasheet HTML 2Page - Leadtrend Technology LD7835 Datasheet HTML 3Page - Leadtrend Technology LD7835 Datasheet HTML 4Page - Leadtrend Technology LD7835 Datasheet HTML 5Page - Leadtrend Technology LD7835 Datasheet HTML 6Page - Leadtrend Technology LD7835 Datasheet HTML 7Page - Leadtrend Technology LD7835 Datasheet HTML 8Page - Leadtrend Technology LD7835 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LD7835
07/29/2015
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7835-DS-01 July 2015
Non-isolation Buck Solution
High Power Factor LED Controller
REV: 01
General Description
The LD7835 is a floating switch buck solution with Active
PFC (APFC) control for LED lighting. It is easy to design
with minimum cost and PCB size. The device operates in
transition mode (TM) and integrates with complete safety
requirement protections.
With power factor correction and TM control, the system is
enabled to achieve high PF and high efficiency and to
meet most of the international standard.
The LD7835 also features LED open protection (ZCD
OVP), LED short protection, over current protection (OCP),
and over temperature protection (OTP). It makes the
circuit designers easily to meet most of the safety
requirements in either normal or abnormal test.
Features
High Power Factor Controller Integrated
High Efficiency Transition Mode Operation
Good Accurate Current Regulation
Current Ripple Reduction (CRR) Function
Wide Range of UVLO
Built in OVP on VCC pin
LED Open Protection
LED Short Protection
OCP (Cycle by cycle current limit)
OTP (Over Temperature Protection)
250mA/-250mA Driving Capability
Applications
LED Lamp、LED bulb Application
Typical Application
GATE
COMP
VCC
ZCD
Rs
GND
EMI
Filter
AC
Input
CS
RUP
RDOWN
LD7835
RF (Option)
CF (Option)
Fig. 1 Application circuit


Similar Part No. - LD7835

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7835D LEADTREND-LD7835D Datasheet
544Kb / 13P
Non-isolation Buck Solution High Power Factor LED Controller
REV: 00
LD7835DGL LEADTREND-LD7835DGL Datasheet
544Kb / 13P
Non-isolation Buck Solution High Power Factor LED Controller
REV: 00
More results

Similar Description - LD7835

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5555LD SANKEN-LC5555LD Datasheet
267Kb / 11P
Single-Stage Power Factor Corrected High Efficiency Non-Isolated Buck LED Driver
logo
Diodes Incorporated
AL1676 DIODES-AL1676 Datasheet
487Kb / 15P
UNIVERSAL HIGH POWER FACTOR BUCK LED DRIVER
Rev 1
logo
Texas Instruments
TPS51216-EP TI1-TPS51216-EP Datasheet
1Mb / 34P
Memory Power Solution Synchronous Buck Controller
logo
Leadtrend Technology
LD9852 LEADTREND-LD9852 Datasheet
490Kb / 13P
Non-isolation Buck Solution High Power Factor LED Controller with MOS Integrated
logo
Bright Power Semiconduc...
BP2339JF BPS-BP2339JF Datasheet
164Kb / 1P
Non-isolated Buck APFC LED Controller
logo
Shenzhen Tianyuan Semic...
TP8601 TPOWER-TP8601 Datasheet
568Kb / 6P
High power factor non-isolated buck LED constant current driver chip
TP8602 TPOWER-TP8602 Datasheet
606Kb / 6P
High power factor non-isolated buck LED driver chip with integrated power transistor
TP8602D TPOWER-TP8602D Datasheet
593Kb / 6P
High power factor non-isolated buck LED driver chip with integrated power transistor
TP8611 TPOWER-TP8611 Datasheet
625Kb / 7P
PWM dimming high power factor non-isolated buck LED driver chip
TP8621 TPOWER-TP8621 Datasheet
648Kb / 7P
Three-stage switch dimming high power factor non-isolated buck LED driver chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com