Electronic Components Datasheet Search
  English  ▼

X  

LD7835 Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD7835
Description  Non-isolation Buck Solution High Power Factor LED Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7835 Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD7835 Datasheet HTML 5Page - Leadtrend Technology LD7835 Datasheet HTML 6Page - Leadtrend Technology LD7835 Datasheet HTML 7Page - Leadtrend Technology LD7835 Datasheet HTML 8Page - Leadtrend Technology LD7835 Datasheet HTML 9Page - Leadtrend Technology LD7835 Datasheet HTML 10Page - Leadtrend Technology LD7835 Datasheet HTML 11Page - Leadtrend Technology LD7835 Datasheet HTML 12Page - Leadtrend Technology LD7835 Datasheet HTML 13Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LD7835
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7835-DS-01 July 2015
then discharge VCC with a souring current (ICC_PRO) till
VCC drops to UVLO (OFF) level. LD7835 will shut down
its operation until VCC rises up to next UVLO (ON) level.
If the open situation remains still, the system will enter to
hiccup mode.
����������������_������������ = ���������������� ×
��������������������
������������ + ��������������������
ZCD
t
ZCD OVP
Tripped
t
OUT
Switching
Switching
Non-Switching
Output
Voltage
t
VCC
t
LED Opened
Vout
UVLO(ON)
UVLO(OFF)
OVP
Level
Fig. 16
Programming Maximum ON-time
LD7835 features adjustable maximum ON-time to limit
power output in abnormal operation. The selection of
maximum ON-time is subject to ZCD resistance as
shown in Fig. 17. ZCD resistance can be obtained from
below:
ZCD
RUP
RDOWN
����������������
������������ × ��������������������
������������ + ��������������������
Fig. 17
The following table is a suggestion for maximum
ON-time setting.
RZCD
(Ω)
Max. Ton
(Typ.)
Suggestion
(Ω)
44k<RZCD
15
s
46k
28k<RZCD<32k
21
s
30k
RZCD<20k
29
s
18k
Current Ripple Reduction (C.R.R) Function
LD7835 features current ripple reduction function to
minimum the output capacitor. The C.R.R rate is subject
to RF resistance as shown in Fig. 1. The following table
is a suggestion for CRR rate setting.
R
F
(Ω)
CRR
Effective Rate
Suggestion
(Ω)
16k<R
F
Heavy
18k
7k<R
F
<8k
Light
7.5k
R
F
<0.2k
Disable
0
The C.R.R effect is dependent on C.R.R rate, AC line
and RUP in fixed output capacitance as shown in the
following table for tuning reference.
C.R.R Rate
AC Line
Rup
Current Ripple
Disable
NA
NA
Original
Light
↓
↑
Lightest
Heavy
↑
↓
Heaviest
If C.R.R function is enabled, the output capacitance and
the saturation knee point of inductor can be minimize.
However, power factor and THD will be slightly lower
than disabled condition
. It’s a trade-off factor between
power factor and current ripple.
LED Short Protection
If some LED is in short condition, VCC will drop to UVLO
(OFF) level and disable the LD7835. The LD7835 will
not resume operation until VCC rises up to next UVLO
(ON) level. If the short condition remains still, the system
will enter to hiccup mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com