Electronic Components Datasheet Search
  English  ▼

X  

FP115 Datasheet(PDF) 4 Page - Feeling Technology Corp.

Part # FP115
Description  Dual OPA Circuit with Precision Shunt Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP115 Datasheet(HTML) 4 Page - Feeling Technology Corp.

  FP115 Datasheet HTML 1Page - Feeling Technology Corp. FP115 Datasheet HTML 2Page - Feeling Technology Corp. FP115 Datasheet HTML 3Page - Feeling Technology Corp. FP115 Datasheet HTML 4Page - Feeling Technology Corp. FP115 Datasheet HTML 5Page - Feeling Technology Corp. FP115 Datasheet HTML 6Page - Feeling Technology Corp. FP115 Datasheet HTML 7Page - Feeling Technology Corp. FP115 Datasheet HTML 8Page - Feeling Technology Corp. FP115 Datasheet HTML 9Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FP115
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.6
4/9
Recommended Operating Conditions
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
Vcc
2.5
20
V
Operating Temperature
-20
+85
°C
DC Electrical Characteristics (Vcc=5V, TA= 25°C, unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
OPA1 Section
Output Inverting Voltage
VFB
VCS=0V, RL=4.3K, VCC=5K
1.225
1.25
1.275
V
Input Bisa Current
IB1
VCS=0V, RL=4.3K
30
150
nA
PSRR
PSRR1 VCS=0V, RL=4.3K
50
dB
Output Sink Current
IO1
VFB=1.35V, VCS=0V,
VOUT=1.5V
5
mA
Output Inverting Voltage Deviation
△
VFB Vcs=0V, RL=4.3V,
VCC=2.5V~5V
3
mV
Output Inverting Voltage
Temperature Coefficient
±100
ppm /
℃
OPA2 section
Output Inverting Voltage
VCS
VFB=0V, RL=4.3K, VCC=5V
150
156
162
mV
Input Bias Current
IB2
VFB=0V, RL=4.3K
30
150
nA
PSRR
PSRR2 VFB=0V, RL=4.3K
50
dB
Output Sink Current
IO2
VCS=0.17V, VFB=0V,
VOUT=1.5V
5
mA
Output Inverting Voltage Deviation
△
VCS VFB=0V, RL =4.3K,
VCC=2.5~5V
1
mV
Output Inverting Voltage
Temperature Coefficient
±100
ppm/
℃
Total Device
Current Consumption
ICC
VFB=0V, VCS=0V, RL=∞
2.4
3.4
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com