Electronic Components Datasheet Search
  English  ▼

X  

FP115 Datasheet(PDF) 8 Page - Feeling Technology Corp.

Part # FP115
Description  Dual OPA Circuit with Precision Shunt Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP115 Datasheet(HTML) 8 Page - Feeling Technology Corp.

  FP115 Datasheet HTML 1Page - Feeling Technology Corp. FP115 Datasheet HTML 2Page - Feeling Technology Corp. FP115 Datasheet HTML 3Page - Feeling Technology Corp. FP115 Datasheet HTML 4Page - Feeling Technology Corp. FP115 Datasheet HTML 5Page - Feeling Technology Corp. FP115 Datasheet HTML 6Page - Feeling Technology Corp. FP115 Datasheet HTML 7Page - Feeling Technology Corp. FP115 Datasheet HTML 8Page - Feeling Technology Corp. FP115 Datasheet HTML 9Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
FP115
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.6
8/9
Application Circuit
L1
18uH
RV1
07D471K
U2
FP115
1
2
3
4
5
OUT
GND
CS
VFB
VCC
C5
0.1uF
OUT
R4
1.8K
R15
10
R2
4.3M
VOUT
R19
0.22
R13
300K
VB
D2
1N4148
R14
82K
F1
0.1 1W
R20
4.7K
T1
ST
1
4
3
2
5
6
M1
N
1
VB
C7
222 50V
U1
PC817
1
2
3
4
VOUT
ZD2
8.1V 1/2W
R11
39K 1%
C6
2200pF
RTN
ZD1
9V 1/2W
R3
100K
R9
150
FB
C4
2200pF
R17
750
OUT
R8
2.2
Q2
2N3904
+
C1
4.7uF 400V
+
C9
220uF/16V
C11
0.22u
OUT
VOUT
+
C2
4.7uF 400V
CS
R16
4.7K
R10
220
C3
102 1KV
R5
1.1K
M2
L
1
VB
M3
VOUT
1
LED1
C10
104
FB
-+
BD1
DB105G
2
4
OUT
R6 82
R18
0.22
R12
330
L2
22uH
CS
C12
103
Q1
2N60B
D1
PS1010
RTN
R7
220
M4
RTN
1
D3
SB260
+
C8
1000uF 10V
Figure 6
3.5W RCC Adapter Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com