Electronic Components Datasheet Search
  English  ▼

X  

FP115 Datasheet(PDF) 6 Page - Feeling Technology Corp.

Part # FP115
Description  Dual OPA Circuit with Precision Shunt Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP115 Datasheet(HTML) 6 Page - Feeling Technology Corp.

  FP115 Datasheet HTML 1Page - Feeling Technology Corp. FP115 Datasheet HTML 2Page - Feeling Technology Corp. FP115 Datasheet HTML 3Page - Feeling Technology Corp. FP115 Datasheet HTML 4Page - Feeling Technology Corp. FP115 Datasheet HTML 5Page - Feeling Technology Corp. FP115 Datasheet HTML 6Page - Feeling Technology Corp. FP115 Datasheet HTML 7Page - Feeling Technology Corp. FP115 Datasheet HTML 8Page - Feeling Technology Corp. FP115 Datasheet HTML 9Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
FP115
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.6
6/9
Function Description
Internal Reference Regulator
The FP115 includes a 1.25V high precision shut regulator to reduce application circuit external
part number. This 1.25V reference voltage is divided down by resistor string to 156mV then connects
to OPA1 and OPA2’s non-inverting input for comparison. Applications with VCC voltage higher than 20V
are not suitable for this chip as an internal 2KΩ resistor which connected between Vcc and 1.25V
reference will draw too much current and increase power loss.
5
2K
2
1.25V
156mV
VCC
GND
Figure 5 1.25V Reference Regulator With Resistor Divider
For example:
If VCC is 6V, the power loss of the 2KΩ resistor is (6-1.25)
2/2KΩ=11.3mW. When VCC is 12V, the
power loss of the 2K
Ω resistor is (12-1.25)2/2KΩ=57.8mW.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com