Electronic Components Datasheet Search
  English  ▼

X  

FP131 Datasheet(PDF) 5 Page - Feeling Technology Corp.

Part # FP131
Description  Over Current Protection IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP131 Datasheet(HTML) 5 Page - Feeling Technology Corp.

  FP131 Datasheet HTML 1Page - Feeling Technology Corp. FP131 Datasheet HTML 2Page - Feeling Technology Corp. FP131 Datasheet HTML 3Page - Feeling Technology Corp. FP131 Datasheet HTML 4Page - Feeling Technology Corp. FP131 Datasheet HTML 5Page - Feeling Technology Corp. FP131 Datasheet HTML 6Page - Feeling Technology Corp. FP131 Datasheet HTML 7Page - Feeling Technology Corp. FP131 Datasheet HTML 8Page - Feeling Technology Corp. FP131 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
FP131
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 1.0
5/11
Recommended Operating Conditions
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
Vcc
2.7
28
V
Operating Temperature
-20
+85
°C
DC Electrical Characteristics
(VCC=5V, TA= -20°C~+85°C, VIP=12V, ROUT=125kΩ unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Current Shunt Comparator Section
Full Scale Sense Voltage
VSENSE VSENSE=VIP
-VIN
100
500
mV
Common-Mode Input Voltage
VCM
2.7
28
V
Common-Mode Rejection
CMRR
VIP=2.7V to 28V,
VSENSE=50mV
100
120
dB
Input Offset Voltage vs Temp
VOFFSET
(TA)
TMIN to TMAX
4
µV /
°C
Input Offset Voltage vs VCC
VOFFSET
(vcc)
VIN=2.7V to 28V,
VSENSE=50mV
2.5
10
µV / V
Input Bias Current
IBIAS
VIP,VIN
2
µA
Non-linearity Error
NLE
VSENSE=10mV to 150mV
±1
%
Total Output Error
TOE
VSENSE=100mV
±2
%
Output Impedance
ROUT
1||5
G
Ω||pF
Voltage Swing to VCC
VSCC
VCC-0.8
V
Voltage Swing to VCM
VSCM
VCM-0.5
V
Bandwidth
BW
ROUT=125K
Ω
32
kHz
Settling Time
TS
5V Step, ROUT=125K
Ω
30
μS
Total Output-Current Noise
INOISE
BW=100KHz
3
nA
Photo-drive Comparator Section
Input Offset Voltage
VOFFSET
1.0
5.0
mV
Input Bias Current
IBIAS
25
250
nA
Common-Mode Voltage (IN-)
VCM
-0.3
-
VCC-1.5
V
Voltage Gain
AV
50
200
V/mV
Large Signal Response Time
300
nS
Response Time
1.3
μS
Output Sink Current
ISINK
VREF-VIN-=-0.75V,
VOUT
1.0V
≦
16
mA
Saturation Voltage
VSAT
VREF-VIN-=-0.75V
ISINK
10mA
≦
1000
mV
Output Leakage Current
VREF-VIN- = 1.25V
VOUT = 28V
0.1
1
μA
Reference Section
Reference Voltage (2%)
VREF
TA=25
℃
1.225
1.25
1.275
V
Line Regulation
3V≦VCC
28
≦
V
2
15
mV
Total Device Section
Power Supply Current
ICC
VCC=30V
400
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com