Electronic Components Datasheet Search
  English  ▼

X  

FP131 Datasheet(PDF) 9 Page - Feeling Technology Corp.

Part # FP131
Description  Over Current Protection IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP131 Datasheet(HTML) 9 Page - Feeling Technology Corp.

Back Button FP131 Datasheet HTML 3Page - Feeling Technology Corp. FP131 Datasheet HTML 4Page - Feeling Technology Corp. FP131 Datasheet HTML 5Page - Feeling Technology Corp. FP131 Datasheet HTML 6Page - Feeling Technology Corp. FP131 Datasheet HTML 7Page - Feeling Technology Corp. FP131 Datasheet HTML 8Page - Feeling Technology Corp. FP131 Datasheet HTML 9Page - Feeling Technology Corp. FP131 Datasheet HTML 10Page - Feeling Technology Corp. FP131 Datasheet HTML 11Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
FP131
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 1.0
9/11
Photo-drive Comparator
The figure below shows the FP131 comparator. It has an internal reference 1.25V connecting to
the IN+ of comparator with high current sink output. That makes FP131 suitable for OCP protection
circuits using photo-coupler.
By connecting the current shunt output (CSO) to comparator IN- input for the load current (IS)
detection. The comparator output can drive the photo-coupler for the over load protection.
When the load current (IS) is increasing, the transfer function gain would amplify the CSO voltage
until the value (IO*RL) is more than 1.25V. The comparator output would change from high to low state
and sink the photo-coupler current (IOUT).
Note
1. The 1.25V reference output does not have any source and sink capability. Any resistance
divider from 1.25V bias voltage would degrade its precision.
2. The comparator has an input hysteresis (100mV typically) for noise rejection. If IN- voltage is
larger than 1.25V (REF) reference, the output (OUT) would change from high state to low, and
when IN- voltage is lower than 1.15V, the output (OUT) would change to high again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com