Electronic Components Datasheet Search
  English  ▼

X  

FP131 Datasheet(PDF) 6 Page - Feeling Technology Corp.

Part # FP131
Description  Over Current Protection IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP131 Datasheet(HTML) 6 Page - Feeling Technology Corp.

Back Button FP131 Datasheet HTML 2Page - Feeling Technology Corp. FP131 Datasheet HTML 3Page - Feeling Technology Corp. FP131 Datasheet HTML 4Page - Feeling Technology Corp. FP131 Datasheet HTML 5Page - Feeling Technology Corp. FP131 Datasheet HTML 6Page - Feeling Technology Corp. FP131 Datasheet HTML 7Page - Feeling Technology Corp. FP131 Datasheet HTML 8Page - Feeling Technology Corp. FP131 Datasheet HTML 9Page - Feeling Technology Corp. FP131 Datasheet HTML 10Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
FP131
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 1.0
6/11
030
25
20
15
10
5
-2
2
3
G=10
R
G=5K 
 V=100mV
G=1
G=20
Power Supply Voltage(V)
Total Output Error VS Power Supply Voltage(V)
VCC=10V,G=20
0
120
100
80
60
40
20
-5
-15
-10
5
0
10
Vsense (mV)
Total Output Error VS Vsense
140
Vsense=(V
IN
+-V
IN
-)
VCC=10V,G=25
+25℃
+85℃
030
25
20
15
10
5
30
10
20
50
40
60
Power Supply Voltage (V)
Comparator Input Bias Current VS Power Supply Voltage
0
+25℃
-25℃
+85℃
030
25
20
15
10
5
300
100
200
500
400
600
Power Supply Voltage (V)
Quiescent Current VS Power Supply Voltage
0
+25℃
-25℃
+85℃
060
50
40
30
20
10
0.6
0.2
0.4
1.0
0.8
1.2
Output Sink Current (mA)
Output Saturation Voltage VS Outpt Sink Current
0
Typical Characteristics
VIN=12V, TA=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com