Electronic Components Datasheet Search
  English  ▼

X  

TM1826 Datasheet(PDF) 1 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1826
Description  12 - channel LED constant current drive
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1826 Datasheet(HTML) 1 Page - Shenzhen Putianhe Technology Co., Ltd

  TM1826 Datasheet HTML 1Page - Shenzhen Putianhe Technology Co., Ltd TM1826 Datasheet HTML 2Page - Shenzhen Putianhe Technology Co., Ltd TM1826 Datasheet HTML 3Page - Shenzhen Putianhe Technology Co., Ltd TM1826 Datasheet HTML 4Page - Shenzhen Putianhe Technology Co., Ltd TM1826 Datasheet HTML 5Page - Shenzhen Putianhe Technology Co., Ltd TM1826 Datasheet HTML 6Page - Shenzhen Putianhe Technology Co., Ltd TM1826 Datasheet HTML 7Page - Shenzhen Putianhe Technology Co., Ltd TM1826 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1826 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
12
12
12
12 通道
通道
通道
通道 LED
LED
LED
LED 恒流驱动
恒流驱动
恒流驱动
恒流驱动 TM1826
TM1826
TM1826
TM1826
特性描述
特性描述
特性描述
特性描述
TM1826是外控+内控模式的十二通道LED 发光二极管 恒流驱动控制专用电路,内
部集成有MCU单线数字接口 数据锁存器 LED恒流驱动,PWM辉度控制等电路 芯片
可通过单线数字接口 DIN DO 级联,外部控制器只需单线就可控制该芯片和与其级
联的后续芯片 TM1826每个RGB输出端口的恒流值与PWM辉度都可通过命令单独设置
VDD引脚内部集成5V稳压管,外围器件少 本产品性能优良 质量可靠
功能特点
功能特点
功能特点
功能特点
采用功率CMOS工艺
OUT输出端口耐压24V
VDD内置5V稳压管,串接电阻后电压支持6~24V
振荡方式 内置RC振荡并根据数据线上信号进行时钟同步,在接收完本单元的数据后
能自动将后续数据再生后通过数据输出端发送至下级,信号不随级联变远而出现失真
或衰减
内置上电复位电路,上电复位后内部寄存器默认清0
内控模式 七彩闪烁 ,输入端悬空或高电平5’S后,自动切换到内控模式
PWM控制端能够实现256级调节,扫描频率7KHZ
恒流控制够实现32级调节 10’A—41’A
单线串行级联通讯接口,能通过一根信号线完成数据的接收与解码
当刷新速率为30帧/s时,级联数不小于1024点
数据传输速率可达800Kbps
任意两点传输距离不少于30米
适用领域 点光源 护栏管 软灯条 户内 外大屏等
封装形式 SOP16 DIP16
外部应用框图
外部应用框图
外部应用框图
外部应用框图
控
器
TM1826
DIN
OUTB1
OUTR1
DO
IC1
DC
DC
DC
OUTG1
DI
VDD
GND
VCC
GND
VCC
DO
DO
NEXT
RI
RO
104
104
DC
R
D1
DC
R
D1
R1
R2
R3
OUTR4
OUTB4
DC
DC
DC
OUTG4
R10
R11
R12
TM1826
DIN
OUTB1
OUTR1
DO
IC2
DC
DC
DC
OUTG1
VDD
GND
R1
R2
R3
OUTR4
OUTB4
DC
DC
DC
OUTG4
R10
R11
R12


Similar Part No. - TM1826

ManufacturerPart #DatasheetDescription
logo
Shenzhen Putianhe Techn...
TM1820 PTH-TM1820 Datasheet
338Kb / 4P
LED Display panel driver IC
TM1821 PTH-TM1821 Datasheet
186Kb / 3P
4 channel LED drive control IC
TM1822 PTH-TM1822 Datasheet
179Kb / 3P
8 channel LED drive control IC
TM1823 PTH-TM1823 Datasheet
315Kb / 8P
16 - channel LED drive control IC
TM1825 PTH-TM1825 Datasheet
665Kb / 16P
9 channel LED constant current drive
More results

Similar Description - TM1826

ManufacturerPart #DatasheetDescription
logo
Rohm
BD18377EFV-M ROHM-BD18377EFV-M Datasheet
888Kb / 32P
12 Channel Constant Current LED Driver IC
logo
Linkage Goston Electron...
SM2082C LINKAGE-SM2082C Datasheet
4Mb / 12P
Single channel LED constant current drive control chip
logo
Shenzhen Putianhe Techn...
TM1818 PTH-TM1818 Datasheet
432Kb / 11P
16 channel LED constant current drive
TM1825 PTH-TM1825 Datasheet
665Kb / 16P
9 channel LED constant current drive
TM1829 PTH-TM1829 Datasheet
529Kb / 16P
3 - channel LED constant current drive
TM1903 PTH-TM1903 Datasheet
513Kb / 15P
3 - channel LED constant current drive
TM1905 PTH-TM1905 Datasheet
650Kb / 16P
9 channel LED constant current drive
TM1906 PTH-TM1906 Datasheet
486Kb / 16P
12 - channel LED constant current drive
logo
Linkage Goston Electron...
SM1506 LINKAGE-SM1506 Datasheet
1Mb / 6P
Constant current LED drive chip
SM1533E LINKAGE-SM1533E Datasheet
1Mb / 7P
Constant current LED drive chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com