Electronic Components Datasheet Search
  English  ▼

X  

TM1829 Datasheet(PDF) 1 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1829
Description  3 - channel LED constant current drive
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1829 Datasheet(HTML) 1 Page - Shenzhen Putianhe Technology Co., Ltd

  TM1829 Datasheet HTML 1Page - Shenzhen Putianhe Technology Co., Ltd TM1829 Datasheet HTML 2Page - Shenzhen Putianhe Technology Co., Ltd TM1829 Datasheet HTML 3Page - Shenzhen Putianhe Technology Co., Ltd TM1829 Datasheet HTML 4Page - Shenzhen Putianhe Technology Co., Ltd TM1829 Datasheet HTML 5Page - Shenzhen Putianhe Technology Co., Ltd TM1829 Datasheet HTML 6Page - Shenzhen Putianhe Technology Co., Ltd TM1829 Datasheet HTML 7Page - Shenzhen Putianhe Technology Co., Ltd TM1829 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1829 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
3333 通道
通道
通道
通道 LED
LED
LED
LED 恒流驱动
恒流驱动
恒流驱动
恒流驱动 TM1
TM1
TM1
TM1829
829
829
829
www.szpth.c”m
特性描述
特性描述
特性描述
特性描述
TM1829是三通道LED 发光二极管 恒流驱动控制专用电路,内部集成有MCU单线
数字接口 数据锁存器 LED恒流驱动等电路,PWM辉度控制电路 芯片可通过单线数
字接口 DI DO 级联,外部控制器只需单线就可控制该芯片和与其级联的后续芯片
TM1829输出端口的恒流值与PWM辉度都可单独通过外围控制器设置 VDD引脚内部集
成5V稳压管,外围器件少 本产品性能优良 质量可靠
功能特点
功能特点
功能特点
功能特点
采用功率CMOS工艺
OUT输出端口耐压24V
VDD内置5V稳压管,串接电阻后电压支持6~24V
辉度调节电路,256级辉度可调
单线串行级联接口
振荡方式 内置RC振荡并根据数据线上信号进行时钟同步,在接收完本单元的数据后
能自动将后续数据再生后通过数据输出端发送至下级,信号不随级联变远而出现失真
或衰减
内置上电复位电路
PWM控制端能够实现256级调节,扫描频率7KHZ
恒流电流能够实现32级调节 10mA—41mA
能通过一根信号线完成数据的接收与解码
当刷新速率为30帧/s时,级联数低速模式下不小于1024点,高速模式下不小于2048点
数据传输速率可达800Kbps与1.6Mbps两种模式
任意两点传输距离不少于30米
封装形式 SOP8 DIP8
外部
外部
外部
外部应用
应用
应用
应用框图
框图
框图
框图
适用领域 点光源 护栏管 软灯条 户内 外大屏等
控
器
TM1829
DIN
OUTR
OUTB
DO
IC1
DC
DC
TM1829
DIN
DO
ICn
DC
OUTG
OUTR
OUTB
DC
DC
DC
OUTG
DI
VDD
GND
VDD
GND
VCC
GND
VCC
DO
DO
NEXT
RI
RO
104
104
DC
R
D1
DC
R
D1
R1
R2
R3
R1
R2
R3
SET
SET


Similar Part No. - TM1829

ManufacturerPart #DatasheetDescription
logo
Shenzhen Putianhe Techn...
TM1820 PTH-TM1820 Datasheet
338Kb / 4P
LED Display panel driver IC
TM1821 PTH-TM1821 Datasheet
186Kb / 3P
4 channel LED drive control IC
TM1822 PTH-TM1822 Datasheet
179Kb / 3P
8 channel LED drive control IC
TM1823 PTH-TM1823 Datasheet
315Kb / 8P
16 - channel LED drive control IC
TM1825 PTH-TM1825 Datasheet
665Kb / 16P
9 channel LED constant current drive
More results

Similar Description - TM1829

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DD231 SITI-DD231 Datasheet
125Kb / 7P
3-CHANNEL CONSTANT CURRENT LED DRIVERS
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
212Kb / 15P
3-Channel Constant-Current LED Driver
logo
Shenzhen Putianhe Techn...
TM1818 PTH-TM1818 Datasheet
432Kb / 11P
16 channel LED constant current drive
TM1825 PTH-TM1825 Datasheet
665Kb / 16P
9 channel LED constant current drive
TM1826 PTH-TM1826 Datasheet
597Kb / 16P
12 - channel LED constant current drive
TM1903 PTH-TM1903 Datasheet
513Kb / 15P
3 - channel LED constant current drive
TM1905 PTH-TM1905 Datasheet
650Kb / 16P
9 channel LED constant current drive
TM1906 PTH-TM1906 Datasheet
486Kb / 16P
12 - channel LED constant current drive
logo
Linkage Goston Electron...
SM1533E LINKAGE-SM1533E Datasheet
1Mb / 7P
Constant current LED drive chip
logo
List of Unclassifed Man...
UCS1904 ETC2-UCS1904 Datasheet
324Kb / 11P
3-channel LED constant voltage drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com