Electronic Components Datasheet Search
  English  ▼

X  

TM1829 Datasheet(PDF) 11 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1829
Description  3 - channel LED constant current drive
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1829 Datasheet(HTML) 11 Page - Shenzhen Putianhe Technology Co., Ltd

Back Button TM1829 Datasheet HTML 7Page - Shenzhen Putianhe Technology Co., Ltd TM1829 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1829 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd TM1829 Datasheet HTML 10Page - Shenzhen Putianhe Technology Co., Ltd TM1829 Datasheet HTML 11Page - Shenzhen Putianhe Technology Co., Ltd TM1829 Datasheet HTML 12Page - Shenzhen Putianhe Technology Co., Ltd TM1829 Datasheet HTML 13Page - Shenzhen Putianhe Technology Co., Ltd TM1829 Datasheet HTML 14Page - Shenzhen Putianhe Technology Co., Ltd TM1829 Datasheet HTML 15Page - Shenzhen Putianhe Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
3333 通道
通道
通道
通道 LED
LED
LED
LED 恒流驱动
恒流驱动
恒流驱动
恒流驱动 TM1
TM1
TM1
TM1829
829
829
829
www.szpth.c”m
3333 使用
使用
使用
使用TM1
TM1
TM1
TM1829
829
829
829如何扩流
如何扩流
如何扩流
如何扩流
TM1829每个OUT端最大只能输出41mA恒流,如果用户需要扩大恒流值驱动,可将其中三
个OUT端短接后使用,每短路一个OUT端,恒流值最大和将增加41mA,三路短接后最高可恒
流123mA左右,但是此方法缺点是需软件同时配合控制,分别写三组寄存器值,优点是可精确
得到想要的电流值和恒流电流较大
级级级级
级级级级
以下是另一种扩流方式,优点是不需改软件,增加一颗TM1829每路最大可扩流41mA,容易实
现RGB像素控制
级级级级
级级级级



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com