Electronic Components Datasheet Search
  English  ▼

X  

RSP1 Datasheet(PDF) 4 Page - RFbeam Microwave GmbH

Part # RSP1
Description  Radar Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

RSP1 Datasheet(HTML) 4 Page - RFbeam Microwave GmbH

  RSP1 Datasheet HTML 1Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 2Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 3Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 4Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 5Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 6Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 7Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 8Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 9Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
RFbeam Microwave GmbH
RSP1 Radar Processor
Datasheet
4 RSP1 Architecture
4.1 Data Acquisition
An internal, programmable differential amplifier allows gains from 1 to 16.
RSP1 works with 2 12Bit ADCs, sampling rate is selectable between 1'200Hz up to 22.5kHz in 10 steps.
This corresponds to maximum speeds from 13km/h to 250km/h.
4.2 Data Processing
Processing is based on a complex FFT and on an adaptive noise threshold. Many parameters allow
adjusting and optimizing the performance for many different applications.
Advantages of FFT
FFT stands for Fast Fourier Transform, that allows signal processing in the frequency domain (see
details on http://en.wikipedia.org/wiki/Fft).
Processing of the Quadrature Doppler signals is performed by a complex FFT. Using FFT results in much
better performance than using simple comparator designs or time domain processing.
The RSP1 FFT implementation leads to sophisticated movement and speed detectors:
•
Better S/N (21dB with 256pt FFT) → 2 to 3 times larger detection range
•
Inherent object speed detection
•
Reliable distiction between approaching / receding objects
•
Efficient interference suppression through complex FFT (fluorescent light, rain, vibrations …)
•
Narrowband filtering of known interference frequencies
•
Selective and adaptive noise threshold capability
RSP1 Hardware Architecture
The processor architecture allows data acquisition and processing in parallel. Only a few external
components are needed thanks to the high integration level including EEPROM and precision clock
generator.
Fig. 4: RSP1 simplified block diagram
© RFbeam Microwave GmbH www.rfbeam.ch
December 11, 2015
4/25
Timer & Event System
ADC
Flash
EEPROM
5 x Out
4 x In
Control
Debug
digital
serial
analog
VCO
DMA
RAM
CPU
I/O
Sensor I
Sensor Q
Ref In
Hold Pot
Sens. Pot
12 Bit
A = 1 .. 16
ADC
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com